Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet (PDF) - Microchip Technology

48LM01 Datasheet PDF - Microchip Technology
Part # 48LM01
Download  48LM01 Download
File Size   872.85 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512-Kbit/1-Mbit SPI Serial EERAM

48LM01 Datasheet (PDF)

Go To PDF Page Download Datasheet
48LM01 Datasheet PDF - Microchip Technology

Part # 48LM01
Download  48LM01 Click to download

File Size   872.85 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512-Kbit/1-Mbit SPI Serial EERAM

48LM01 Datasheet (HTML) - Microchip Technology


48LM01 Product details

Serial SRAM Features
• Unlimited Reads/Unlimited Writes:
- Standard serial SRAM protocol
- Symmetrical timing for reads and writes
• SRAM Array:
- 65,536 x 8 bit (48L512)
- 131,072 x 8 bit (48LM01)
• High-Speed SPI Interface:
- Up to 66 MHz
- Schmitt Trigger inputs for noise suppression
• Low-Power CMOS Technology:
- Active current: 5 mA (maximum)
- Standby current: 200 μA (at 85°C maximum)
- Hibernate current: 3 μA (at 85°C maximum)

Hidden EEPROM Backup Features
• Cell-Based Nonvolatile Backup:
- Mirrors SRAM array cell-for-cell
- Transfers all data to/from SRAM cells in
parallel (all cells at same time)
• Invisible-to-User Data Transfers:
- VCC level monitored inside device
- SRAM automatically saved on power disrupt
- SRAM automatically restored on VCC return
• 100,000 Backups Minimum (at 85°C)
• 100 Years Retention (at 55°C)

Other Features of the 48L512/48LM01
• Operating Voltage Range: 2.7V-3.6V
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
• ESD Protection: >2,000V




Similar Part No. - 48LM01

ManufacturerPart #DatasheetDescription
logo
International Rectifier
48L120D IRF-48L120D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
48L160D IRF-48L160D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
48LF120D IRF-48LF120D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
48LF160D IRF-48LF160D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
48LFR120D IRF-48LFR120D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
More results


Similar Description - 48LM01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
263Kb / 23P
512 Kbit SPI Serial Flash
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com