Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 9 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 5Page - Microchip Technology 48LM01 Datasheet HTML 6Page - Microchip Technology 48LM01 Datasheet HTML 7Page - Microchip Technology 48LM01 Datasheet HTML 8Page - Microchip Technology 48LM01 Datasheet HTML 9Page - Microchip Technology 48LM01 Datasheet HTML 10Page - Microchip Technology 48LM01 Datasheet HTML 11Page - Microchip Technology 48LM01 Datasheet HTML 12Page - Microchip Technology 48LM01 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 9
48L512/48LM01
3.0
MEMORY ORGANIZATION
3.1
Data Array Organization
The 48L512/48LM01 is internally organized as a
continuous SRAM array for both reading and writing,
along with a nonvolatile EEPROM array that is not
directly accessible to the user, but which can be
refreshed or recalled on power cycles or on software
commands.
The
SRAM
array
is
continuously
addressable, so the entire array can be written without
having to access pages.
3.2
16-Byte Nonvolatile User Space
The 48L512/48LM01 devices contain a 16-byte
nonvolatile user space, separate from the SRAM
memory array. The nonvolatile user space can be
written with the Write Nonvolatile User Space
(WRNUR) command and read with the Read
Nonvolatile User Space (RDNUR) command. Once
written, these 16 bytes remain volatile and can be
rewritten. They are copied to nonvolatile memory – at
the same time as the SRAM array and STATUS register
– automatically on any power disruption or by using the
Software Store command described in Section 11.0
“Store/Recall Operations”.
Reading and writing to the nonvolatile user space does
not use address bits, only the specific access
instruction to precede the operation. Writing to the
nonvolatile user space requires writing all of its bits in
one operation. Failing to write to all nonvolatile user
space bits will abort the write operation and leave the
nonvolatile user space value unchanged from its
previous value. Similarly, reading the nonvolatile user
space memory uses no address bits, but partial reads
are allowed.
3.3
Device Registers
The 48L512/48LM01 contains a STATUS register for
controlling and monitoring functions of the device.
3.3.1
STATUS REGISTER
The STATUS register is an 8-bit combination of writable
and read-only bits. It is used to modify the write
protection functions as well as store various aspects of
the current status of the device. The writable bit values
written to the STATUS register are volatile – until they
are copied to nonvolatile memory automatically on any
power disruption or by using the Software Store
command described in Section 11.0 “Store/Recall
Operations” – and can be overwritten from a previous
status in a recall operation. Details about the STATUS
register are covered in Section 6.0 "STATUS
Register".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com