Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 8 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 4Page - Microchip Technology 48LM01 Datasheet HTML 5Page - Microchip Technology 48LM01 Datasheet HTML 6Page - Microchip Technology 48LM01 Datasheet HTML 7Page - Microchip Technology 48LM01 Datasheet HTML 8Page - Microchip Technology 48LM01 Datasheet HTML 9Page - Microchip Technology 48LM01 Datasheet HTML 10Page - Microchip Technology 48LM01 Datasheet HTML 11Page - Microchip Technology 48LM01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 8
48L512/48LM01
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
2.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
When the device is deselected, SO goes to the
high-impedance state, allowing multiple parts to share
the same SPI bus. A low-to-high transition on CS after
a valid write sequence completes the SRAM write
cycle. After power-up, a high-to-low transition on CS is
required prior to any sequence being initiated.
2.2
Serial Output (SO)
The SO pin is used to transfer data out of the
48L512/48LM01. During a read cycle, data is shifted
out on this pin after the falling edge of the serial clock.
2.3
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses, and data. Data is
latched on the rising edge of the serial clock.
2.4
Serial Clock (SCK)
The SCK is used to synchronize the communication
between
a
master
and
the
48L512/48LM01.
Instructions, addresses, or data present on the SI pin
are latched on the rising edge of the clock input, while
data on the SO pin is updated after the falling edge of
the clock input.
2.5
Hold (HOLD)
The HOLD pin is used to suspend transmission to the
48L512/48LM01 while in the middle of a serial
sequence without having to retransmit the entire
sequence over again. It must be held high any time this
function is not being used. Once the device is selected
and a serial sequence is underway, the HOLD pin may
be pulled low to pause further serial communication
without resetting the serial sequence.
The HOLD pin should be brought low while SCK is low,
otherwise the Hold function will not be invoked until the
next SCK high-to-low transition. The 48L512/48LM01
must remain selected during this sequence. The SI and
SCK levels are “don’t cares” during the time the device
is paused and any transitions on these pins will be
ignored. To resume serial communication, HOLD pin
should be brought high while the SCK pin is low,
otherwise serial communication will not be resumed
until the next SCK high-to-low transition.
The SO line will tri-state immediately upon a
high-to-low transition of the HOLD pin, and will begin
outputting again immediately upon a subsequent
low-to-high transition of the HOLD pin, independent of
the state of SCK.
TABLE 2-1:
PIN FUNCTION TABLE
Name
8-Lead SOIC
8-Lead SOIJ
Description
CS
1
1
Chip Select Input
SO
2
2
Serial Data Output
VCAP
3
3
External Capacitor
VSS
4
4
Ground
SI
5
5
Serial Data Input
SCK
6
6
Serial Clock Input
HOLD
7
7
Hold Input
VCC
8
8
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com