Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 23 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 19Page - Microchip Technology 48LM01 Datasheet HTML 20Page - Microchip Technology 48LM01 Datasheet HTML 21Page - Microchip Technology 48LM01 Datasheet HTML 22Page - Microchip Technology 48LM01 Datasheet HTML 23Page - Microchip Technology 48LM01 Datasheet HTML 24Page - Microchip Technology 48LM01 Datasheet HTML 25Page - Microchip Technology 48LM01 Datasheet HTML 26Page - Microchip Technology 48LM01 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 23
48L512/48LM01
11.0 STORE/RECALL OPERATIONS
This EERAM device is intended to be serial SRAM
with internal management of all backup transfers to
and from EEPROM on power disruption, so the
EEPROM portion of the SRAM memory cell is not
directly
accessible
to
the
user.
However,
user-managed Software Store and Software Recall
commands are included. The factory default for the
ASE bit in the STATUS register is ‘0’, enabling the
AutoStore function.
11.1
Automatic Store on Any Power
Disruption
To enable this feature, the user must place a capacitor
on the VCAP pin and ensure the ASE bit in the
STATUS register is set to ‘0’. The capacitor is charged
through the VCC pin. When the 48LXXX detects a
power-down event, the device automatically switches
to the capacitor for power and initiates the AutoStore
operation.
Note that to minimize the transfer events to EEPROM,
this automatic store will only be initiated if the SRAM
array has been modified since the last store or recall
operation.
The automatic store cycle (AutoStore) is initiated when
VCAP falls below VTRIP. Even if power is restored, the
48LXXX cannot be accessed for TSTORE time after the
AutoStore is initiated.
11.2
Automatic Recall to SRAM
An automatic recall of EEPROM to SRAM (AutoRe-
call) is performed on power-up, regardless of the state
of the ASE bit. This feature ensures that the SRAM
data duplicates the EEPROM data on power-up. The
AutoRecall is initiated when VCAP rises above VTRIP,
and the 48LXXX cannot be accessed for TRESTORE
time after the AutoRecall is initiated.
11.3
Software Store Command
The Software Store command must be user-initiated
and will store the contents of the SRAM bits, the
nonvolatile user space, and the Configuration bits of
the STATUS register (BP[1:0] and ASE) into
nonvolatile storage. The Software Store command
functions even if the contents of the array and regis-
ters have not changed since the last store or recall.
Reading the STATUS register during the store cycle
will indicate a busy bit. Other operations will be
ignored.
FIGURE 11-1:
SOFTWARE STORE
Note: If power is restored during an AutoStore
operation, the AutoStore will continue
and
the
AutoRecall
will
not
be
performed because the SRAM content
is still valid.
Note 1: If power is lost during an AutoRecall
operation, the AutoRecall is aborted and
the AutoStore is not performed.
2: AutoRecall is performed every time VCAP
rises above VTRIP.
SCK
0
2
345
67
1
High-Impedance
SO
CS
SI
STORE Opcode
0
000
1
0
0
0
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com