Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 14 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 10Page - Microchip Technology 48LM01 Datasheet HTML 11Page - Microchip Technology 48LM01 Datasheet HTML 12Page - Microchip Technology 48LM01 Datasheet HTML 13Page - Microchip Technology 48LM01 Datasheet HTML 14Page - Microchip Technology 48LM01 Datasheet HTML 15Page - Microchip Technology 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology 48LM01 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 14
48L512/48LM01
6.0
STATUS REGISTER
The 48L512/48LM01 includes a 1-byte STATUS
register which is a combination of four nonvolatile bits
and four volatile bits. The STATUS register bits control
or indicate various features of the device as shown in
Register 6-1. These bits can be read or modified by
specific instructions that are detailed in the subsequent
sections.
6.1
Block Write-Protect Bits
The 48L512/48LM01 contains four levels of SRAM
write protection using the block protection function. The
nonvolatile Block Write-Protect bits (BP1, BP0) are
located in bits three and two of the STATUS register
byte and define the region of the SRAM that are to be
treated as read-only.
The address ranges that are protected for each SRAM
Block Write Protection level and the corresponding
STATUS register control bits are shown in Table 6-2.
REGISTER 6-1:
STATUS REGISTER
R/W
R/W
R/W
R-0
R/W
R/W
R-0
R-0
Reserved
ASE
Reserved
SWM
BP1
BP0
WEL
RDY/BSY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Reserved: Must be set to ‘0’
bit 6
ASE: AutoStore Enable bit
1
= AutoStore is disabled.
0
= AutoStore is enabled (factory default).
bit 5
Reserved: Must be set to ‘0’
bit 4
SWM: Secure Write Monitoring bit – Read-Only
1
= The last secure write operation has failed.
0
= No error reported in Secure Write.
bit 3-2
BP[1:0]: Block Protection bits (see Table 6-2)
00
= (Level 0) No SRAM array write protection (factory default)
01
= (Level 1) Upper quarter SRAM memory array protection
10
= (Level 2) Upper half SRAM memory array protection
11
= (Level 3) Entire SRAM memory array protection
bit 1
WEL: Write Enable Latch bit – Read-Only
1
= WREN has been executed and device is enabled for writing.
0
= Device is not write-enabled.
bit 0
RDY/BSY: Ready/Busy Status bit – Read-Only
1
= Device is busy with an internal store or recall operation.
0
= Device is ready for standard SRAM Read/Write commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com