Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 25 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 25 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 21Page - Microchip Technology 48LM01 Datasheet HTML 22Page - Microchip Technology 48LM01 Datasheet HTML 23Page - Microchip Technology 48LM01 Datasheet HTML 24Page - Microchip Technology 48LM01 Datasheet HTML 25Page - Microchip Technology 48LM01 Datasheet HTML 26Page - Microchip Technology 48LM01 Datasheet HTML 27Page - Microchip Technology 48LM01 Datasheet HTML 28Page - Microchip Technology 48LM01 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 25
48L512/48LM01
11.5
Polling Routine
When operating in the more common automatic store
and recall mode (AutoStore/AutoRecall), the master
can poll the RDY/BSY bit on power-up to see when the
SRAM is ready for new Read/Write commands. See
Figure 11-3 beginning with the “Send RDSR Instruction
to the Device”.
Polling can also be used if the user-initiated Software
Store and Software Recall commands are used. Polling
allows the application to query whether the EERAM
has completed the transfer operations between the
SRAM and EEPROM portions of the memory cell. This
polling routine can be initiated after every power-up to
confirm that AutoRecall has completed, or after the
user-executed Software Store and Software Recall
commands have started processing.
The polling routine is repeatedly sending a Read
STATUS Register (RDSR) command to determine if
the device has completed its self-timed internal store or
recall cycles (see Figure 11-3). If the RDY/BSY bit = 1
from RDSR, the write cycle is still in progress. If
RDY/BSY bit = 0 from RDSR, this indicates the
operation has ended. If the device is still in a busy state,
repeated RDSR commands can be executed until the
RDY/BSY bit = 0, signaling that the device is ready to
execute a new instruction.
With the 48L512/48LM01 device, it is also possible to
poll the busy flag by sending the RDSR command only
once, and repeatedly clocking out the data until the
busy bit is clear. Only the RDSR instruction is enabled
during the store and recall cycles.
FIGURE 11-3:
POLLING FLOW
NO
YES
Send Store or Recall
Command
Deassert CS High to
Initiate Operation
Send RDSR
Instruction to the Device
Next Operation
RDY/BSY = 0?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com