Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 24 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 20Page - Microchip Technology 48LM01 Datasheet HTML 21Page - Microchip Technology 48LM01 Datasheet HTML 22Page - Microchip Technology 48LM01 Datasheet HTML 23Page - Microchip Technology 48LM01 Datasheet HTML 24Page - Microchip Technology 48LM01 Datasheet HTML 25Page - Microchip Technology 48LM01 Datasheet HTML 26Page - Microchip Technology 48LM01 Datasheet HTML 27Page - Microchip Technology 48LM01 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 24
48L512/48LM01
11.4
Software Recall Command
The Software Recall command must be user-initiated
and replaces the contents of the SRAM array, the
nonvolatile user space, and the Configuration bits of
the STATUS register (BP[1:0] and ASE) from a
previous
store
into
the
user
corresponding
user-accessible areas.
The Software Recall command can be given and the
operation completed, even if the contents of the array
and registers have not changed since the last store or
recall. Reading the STATUS register during the recall
cycle will indicate a busy bit. Other operations will be
ignored.
FIGURE 11-2:
SOFTWARE RECALL
TABLE 11-1:
STORE ENABLE TRUTH TABLE
ASE Bit
Array Modified
AutoStore
Enabled
Software Store
Enabled
AutoRecall
Enabled
Software Recall
Enabled
x
No
No
Yes
Yes
Yes
1
Yes
No
Yes
Yes
Yes
0
Yes
Yes
Yes
Yes
Yes
SCK
0
2
345
67
1
High-Impedance
SO
CS
SI
RECALL Opcode
0
000
1
0
0
1
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com