Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 10 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 6Page - Microchip Technology 48LM01 Datasheet HTML 7Page - Microchip Technology 48LM01 Datasheet HTML 8Page - Microchip Technology 48LM01 Datasheet HTML 9Page - Microchip Technology 48LM01 Datasheet HTML 10Page - Microchip Technology 48LM01 Datasheet HTML 11Page - Microchip Technology 48LM01 Datasheet HTML 12Page - Microchip Technology 48LM01 Datasheet HTML 13Page - Microchip Technology 48LM01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 10
48L512/48LM01
4.0
FUNCTIONAL DESCRIPTION
The 48L512/48LM01 is controlled by a set of
instructions that are sent from a host controller,
commonly referred to as the SPI Master. The SPI
Master communicates with the 48L512/48LM01 via the
SPI bus which is comprised of four signal lines:
• Chip Select (CS)
• Serial Clock (SCK)
• Serial Input (SI)
• Serial Output (SO)
The SPI protocol defines a total of four modes of
operation (Mode 0, 1, 2, or 3) with each mode differing
in respect to the SCK polarity and phase and how the
polarity and phase control the flow of data on the SPI
bus.
The 48L512/48LM01 supports the two most common
modes, SPI Modes 0 and 3. With SPI Modes 0 and 3,
data is always latched in on the rising edge of SCK
and always output on the falling edge of SCK. The
only difference between SPI Modes 0 and 3 is the
polarity of the SCK signal when in the inactive state
(when the SPI Master is in Standby mode and not
transferring any data). SPI Mode 0 is defined as a low
SCK while CS is not asserted (high) and SPI Mode 3
has SCK high in the inactive state. The SCK Idle state
must match when the CS is deasserted both before
and after the communication sequence in SPI Mode 0
and 3.
The figures in this document depict Mode 0 with a
solid line on SCK while CS is inactive and Mode 3 with
a dotted line.
FIGURE 4-1:
SPI MODE 0 AND MODE 3
4.1
Interfacing the 48L512/48LM01 on
the SPI Bus
Communication to and from the 48L512/48LM01 must
be initiated by the SPI Master device. The SPI Master
device must generate the serial clock for the
48L512/48LM01 on the SCK pin. The 48L512/48LM01
always operates as a slave due to the fact that the
Serial Clock pin (SCK) is always an input.
4.1.1
SELECTING THE DEVICE
The 48L512/48LM01 is selected when the CS pin is
low. When the device is not selected, data will not be
accepted via the SI pin and the SO pin will remain in a
high-impedance state.
4.1.2
SENDING DATA TO THE DEVICE
The 48L512/48LM01 uses the Serial Data Input (SI) pin
to receive information. All instructions, addresses, and
data input bytes are clocked into the device with the
Most Significant bit (MSb) first.
The SI pin samples on the first rising edge of the SCK
line after the CS has been asserted.
4.1.3
RECEIVING DATA FROM THE
DEVICE
Data output from the device is transmitted on the Serial
Data Output (SO) pin with the MSb output first. The SO
data is latched on the falling edge of the first SCK clock
cycle after the instruction has been clocked into the
device, such as the Read from Memory Array and
Read STATUS Register instructions. See Section 6.0
"STATUS Register" for more details.
Mode 3
Mode 0
Mode 3
Mode 0
MSb
LSb
CS
SCK
SO
SI
MSb
LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com