Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 4 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 4 Page - Microchip Technology

  48LM01 Datasheet HTML 1Page - Microchip Technology 48LM01 Datasheet HTML 2Page - Microchip Technology 48LM01 Datasheet HTML 3Page - Microchip Technology 48LM01 Datasheet HTML 4Page - Microchip Technology 48LM01 Datasheet HTML 5Page - Microchip Technology 48LM01 Datasheet HTML 6Page - Microchip Technology 48LM01 Datasheet HTML 7Page - Microchip Technology 48LM01 Datasheet HTML 8Page - Microchip Technology 48LM01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 4
48L512/48LM01
D15
VPOR
Power-on Reset
Voltage
—1.8
—
V
Note 1
D16
CVCAP
VCAP Capacitance
47
68
100
μF
Rated 6.3V or higher (Note 1)
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
TA = -40°C to +85°C
VCC = 2.7V to 3.6V
Param.
No.
Symbol
Characteristic
Min.
Typical
Max.
Units
Conditions
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Store current is specified as an average current across the entire store operation.
3:
ICC Active measured with SO pin unloaded. Current can vary with output loading and clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com