Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 17 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 13Page - Microchip Technology 48LM01 Datasheet HTML 14Page - Microchip Technology 48LM01 Datasheet HTML 15Page - Microchip Technology 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology 48LM01 Datasheet HTML 18Page - Microchip Technology 48LM01 Datasheet HTML 19Page - Microchip Technology 48LM01 Datasheet HTML 20Page - Microchip Technology 48LM01 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 17
48L512/48LM01
7.0
READ OPERATIONS
7.1
Reading from the SRAM (READ)
Reading the SRAM contents can be done whenever
the device is not in an internal store or recall cycle, as
indicated by the Ready/Busy bit of the STATUS
register. To read the SRAM, first the CS line is pulled
low to select the device and the Read opcode 03h is
transmitted via the SI line followed by the 16- or 24-bit
address to be read.
Upon completion of the address bytes, any data on the
SI line will be ignored. The data (D7–D0) at the
specified address is then shifted out onto the SO line.
Any number of bytes can be clocked out, and if the
address reaches the end of the array, it can continue at
the beginning of the array. Read operations are not
limited by page boundaries.
The read sequence can be terminated at any point of
the operation. The CS line should be driven high after
the data is clocked out.
FIGURE 7-1:
READ SRAM (READ) WAVEFORM
CS
SCK
1
02 3 4
5 6
00
0
0
0
01
1
READ Opcode
Address Bits (24/16)
AA A A A
SI
D7
Data Byte
SO
MSb
MSb
MSb
High-Impedance
AAA
7
D6 D5 D4 D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com