Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 3 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 3 Page - Microchip Technology

  48LM01 Datasheet HTML 1Page - Microchip Technology 48LM01 Datasheet HTML 2Page - Microchip Technology 48LM01 Datasheet HTML 3Page - Microchip Technology 48LM01 Datasheet HTML 4Page - Microchip Technology 48LM01 Datasheet HTML 5Page - Microchip Technology 48LM01 Datasheet HTML 6Page - Microchip Technology 48LM01 Datasheet HTML 7Page - Microchip Technology 48LM01 Datasheet HTML 8Page - Microchip Technology 48LM01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 3
48L512/48LM01
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VCC.............................................................................................................................................................................4.5V
All inputs and outputs w.r.t. VSS ................................................................................................................... -0.6V to 4.5V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature under bias...............................................................................................................-40°C to +85°C
ESD protection on all pins.......................................................................................................................................... 2 kV
† NOTICE: Stresses above those listed under ‘Maximum ratings’ may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended
period of time may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
TA = -40°C to +85°C
VCC = 2.7V to 3.6V
Param.
No.
Symbol
Characteristic
Min.
Typical
Max.
Units
Conditions
D1
VIH
High-Level Input
Voltage
VCC x0.8
VCC +0.5
V
D2
VIL
Low-Level Input
Voltage
-0.5
VCC x0.2
V
D3
VOH
High-Level Output
Voltage
VCC -0.5
V
IOH = -0.4 mA
D4
VOL
Low-Level Output
Voltage
——
0.4
V
IOL = 2.0 mA
D5
ILI
Input Leakage Current
±3
μAVIN = VSS or VCC
D6
ILO
Output Leakage
Current
——
±3
μACS = VCC, VOUT = VSS or VCC
D7
CIN
Internal Capacitance
(all input pins)
——
5
pF
TA = 25°C, FREQ = 1 MHz,
VCC = 3.6V (Note 1)
D8
COUT
Internal Capacitance
(SO pin)
——
7
pF
TA = 25°C, FREQ = 1 MHz,
VCC = 3.6V (Note 1)
D9
ICC
Active
Operating Current
5
mA
TA = 85°C, VCC = 3.6V,
FCLK =66MHz (Note 3)
D10
ICC
Store
Store Current
2
mA
TA = 85°C,
2.7V < VCC ≤ 3.6V (Note 2)
D11
ICCS
Standby Current
200
μATA = 85°C, SI, CS, VCAP,
VCC =3.6V
D12
ICCH
Hibernate Current
3
μATA = 85°C, SI, CS, VCAP,
VCC =3.6V
D13
VTRIP
AutoStore/AutoRecall
Trip Voltage
2.30
2.65
V
D14
VHYS
Trip Voltage Hysteresis
300
mV
Note 1
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Store current is specified as an average current across the entire store operation.
3:
ICC Active measured with SO pin unloaded. Current can vary with output loading and clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com