Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 20 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 20 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology 48LM01 Datasheet HTML 18Page - Microchip Technology 48LM01 Datasheet HTML 19Page - Microchip Technology 48LM01 Datasheet HTML 20Page - Microchip Technology 48LM01 Datasheet HTML 21Page - Microchip Technology 48LM01 Datasheet HTML 22Page - Microchip Technology 48LM01 Datasheet HTML 23Page - Microchip Technology 48LM01 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 20
48L512/48LM01
9.0
NONVOLATILE USER SPACE
ACCESS
Both the 512K and 1M devices have 16 bytes (128
bits) of nonvolatile user space memory.
The nonvolatile user space memory is accessed
through the WRNUR and RDNUR instructions. Data
written to the nonvolatile user space memory is volatile
but will be transferred to EEPROM automatically on
any power disruption. The last content will then be
restored from EEPROM on the next power up.
Software Store and Software Recall can also be
executed by the user as described in Section 11.0
"Store/Recall Operations".
9.1
Write Nonvolatile User Space
(WRNUR)
Writing to the 16-byte nonvolatile user space requires
the WEL bit to be set, such as with a WREL instruction.
The nonvolatile user space write operation must
include the CS pin to be brought low, the WRNUR
instruction to be sent on SI, and the whole NU value
clocked in (16-bytes). Then the CS pin is set high. The
value is stored immediately in the volatile memory.
The nonvolatile user space value is not transferred to
EEPROM until the next power disruption, though a
Software Store can be executed at any time. The
nonvolatile user space content is then permanent only
until rewritten by the user.
FIGURE 9-1:
NONVOLATILE USER SPACE WRITE
9.2
Read Nonvolatile User Space
(RDNUR)
Reading the nonvolatile user space is possible with
the RDNUR command. The nonvolatile user space
read operation must include the CS pin to be brought
low, the RDNUR instruction to be sent on SI, and the
whole NU value clocked out on SO (16 bytes). Then
the CS pin is set high. The value read is from the
volatile SRAM memory, so this will be the last value
restored from EEPROM on power-up or any new value
written into these 16 bytes since the last power-up.
The user can also use the Software Recall command
(Section 11.0 "Store/Recall Operations") to recover
the nonvolatile user space content moved to EEPROM
on the last power event or the last Software Store
event.
FIGURE 9-2:
READ NONVOLATILE USER SPACE
SI
CS
9 1011 1213 1415
WRNUR
Instruction
NU byte 0
NU byte 15
SCK
0
2
34
567
18
765
43210
11
0000
10
76543
210
SO
SI
SCK
CS
0
23456789 10 11
1
0
1
1
76543210
RDNUR
Instruction
NU Byte 0
High Impedance
76
543210
NU Byte 15
0
0011
12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com