Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 13 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 9Page - Microchip Technology 48LM01 Datasheet HTML 10Page - Microchip Technology 48LM01 Datasheet HTML 11Page - Microchip Technology 48LM01 Datasheet HTML 12Page - Microchip Technology 48LM01 Datasheet HTML 13Page - Microchip Technology 48LM01 Datasheet HTML 14Page - Microchip Technology 48LM01 Datasheet HTML 15Page - Microchip Technology 48LM01 Datasheet HTML 16Page - Microchip Technology 48LM01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 13
48L512/48LM01
5.0
WRITE ENABLE AND DISABLE
5.1
Write Enable Instruction (WREN)
The Write Enable Latch (WEL) bit of the STATUS
register must be set to a logic ‘1’ prior to each WRSR or
WRITE
instruction. The WEL bit is set to a logic ‘1’ by
sending
a
WREN
(06h)
command
to
the
48L512/48LM01. First, the CS pin is driven low to
select the device and then a 06h instruction is clocked
in on the SI pin. Then the CS pin is driven high. The
WEL bit will be immediately updated in the STATUS
register to a logic ‘1’.
The WEL bit will also be reset to a logic ‘0’ in the
following circumstances:
• Upon power-up as the power on default condition
is the Write Disable state (Section 6.2 "Write
Enable Latch")
• The completion of any write operation (WRITE,
WRSR)
• A write operation of any type to a memory location
or register that is protected or locked
• Executing a Write Disable (WRDI) instruction
(Section 5.2
"Write
Disable
Instruction
(WRDI)")
• A Hold abort occurs as noted in Section 4.2.2
"Hold Function" (CS deasserted while HOLD pin
is low)
FIGURE 5-1:
WREN WAVEFORM
5.2
Write Disable Instruction (WRDI)
To protect the device against inadvertent writes, the
Write Disable instruction (opcode 04h) disables all
programming modes by setting the WEL bit to a
logic ‘0’.
FIGURE 5-2:
WRDI WAVEFORM
SCK
0
234
567
1
High-Impedance
SO
CS
SI
WREN Opcode
0
0
0
0
01
10
MSb
SCK
0
2
345
67
1
High-Impedance
SO
CS
SI
WRDI Opcode
0
000
0
1
0
0
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com