Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48LM01 Datasheet(PDF) 28 Page - Microchip Technology

Part # 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Datasheet(HTML) 28 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 24Page - Microchip Technology 48LM01 Datasheet HTML 25Page - Microchip Technology 48LM01 Datasheet HTML 26Page - Microchip Technology 48LM01 Datasheet HTML 27Page - Microchip Technology 48LM01 Datasheet HTML 28Page - Microchip Technology 48LM01 Datasheet HTML 29Page - Microchip Technology 48LM01 Datasheet HTML 30Page - Microchip Technology 48LM01 Datasheet HTML 31Page - Microchip Technology 48LM01 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 28
48L512/48LM01
12.0 HIBERNATION
The 48LXXX devices include a very low-power Hiber-
nation mode. The Hibernation mode is initiated by
sending the Hibernate instruction. Once received, the
CS pin returns high, the device performs a store oper-
ation if the array has been modified since the last store
or recall, and then the device enters a low-power state.
Exiting the Hibernation state requires either a power
cycle, or that the CS pin be brought low to begin
awakening from hibernation. After a time of TRESTORE,
the device will again be ready to operate. All data in
the EEPROM portion of the memory cells will be
transferred back to the SRAM portion of the memory
cells, and the nonvolatile user space and register
values will also be restored.
FIGURE 12-1:
HIBERNATE WAVEFORM
13.0 TRIP VOLTAGE
The 48LXXX has an internal voltage reference that is
used to create a trip voltage threshold (VTRIP). When
VCAP rises above VTRIP, a power-up event is detected.
If this is the first power-up event after a POR, then an
AutoRecall operation is initiated. When VCAP falls
below VTRIP, a power-down event is detected and an
AutoStore operation is initiated if the ASE in the
STATUS register is set to ‘1’ and if the array has been
modified.
13.1
Power Switchover
Once VCC is disconnected, it will not be reconnected
until both VCC is greater than VCAP and any internal
store cycles (AutoStore or Software Store) are com-
plete. This guards against continuously connecting
and disconnecting VCC when VCAP falls faster than
VCC.
To support the AutoStore feature, the 48LXXX must be
able to charge the capacitor connected to the VCAP pin
when power is available on VCC, and also automatically
switch to being powered from the VCAP pin when power
is removed internal to the device from VCC. Since the
VCAP pin is used as part of the internal power bus, this
means that the VCC pin must be disconnected inter-
nally to the device when power to the system ceases.
To accomplish this, the 48LXXX has an intelligent
power switchover circuit that continuously monitors the
voltages on both the VCC and VCAP pins.
During a power-up event, VCC is initially connected
internally in the device to the VCAP pin, allowing it to
rise above the VCAP pin voltage level. Once the VCC pin
voltage level is above the VCAP pin voltage level, the
VCAP pin is connected to the VCC pin internally,
charging the external capacitor back through the
device. When the VCAP pin voltage level rises to VTRIP,
the AutoRecall operation is triggered.
During a power-down event, the VCC pin is initially con-
nected to the internal power bus. As Vcc falls, it dis-
charges the external cap, causing VCAP to also fall.
Once the VCAP pin voltage level falls below VTRIP, the
AutoStore operation is triggered, and the VCC pin is dis-
connected internally to prevent discharging the exter-
nal VCAP capacitor any further through the VCC pin.
Once the VCC pin is disconnected internally, it will not
be reconnected until both the VCC pin voltage is greater
than the VCAP pin voltage and any internal store cycles
(AutoStore or Software Store) are complete.This
guards against continuously internally connecting and
disconnecting the VCC pin to the VCAP pin when the
VCAP voltage falls faster than the VCC voltage as it
moves the SRAM data to EEPROM backup.
SCK
0
2
34
56
7
1
High-Impedance
SO
CS
SI
Hibernate Opcode
10
1
1
1
0
01
MSb
TSTORE THIBERNATE TRESTORE
Instruction
Note: When VCAP is below VTRIP, the 48LXXX
cannot be accessed and will not
Acknowledge any commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com