Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet (PDF) - STMicroelectronics

STPM066S Datasheet PDF - STMicroelectronics
Part # STPM066S
Download  STPM066S Download
File Size   877.49 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power management for automotive vision and radar systems

STPM066S Datasheet (PDF)

Go To PDF Page Download Datasheet
STPM066S Datasheet PDF - STMicroelectronics

Part # STPM066S
Download  STPM066S Click to download

File Size   877.49 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power management for automotive vision and radar systems

STPM066S Datasheet (HTML) - STMicroelectronics


STPM066S Product details

Features
• AEC-Q100 qualified
• Pre SMPS BUCK regulator, adjustable via OTP to 1.0 V, 1.1 V, 1.2 V, 1.35 V,
1.5 V, 3.3 V, 3.6 V, 5.0 V at 1.35/2.6 A min peak current limit, 0.4/2.4 MHz
• Post SMPS BOOST regulator, adjustable via OTP to 5.0 V at 0.3 A max load
current, 7.0 V at 0.2 A max load current, 2.4 MHz
• Post Linear regulator LDO, adjustable via OTP to 1.2 V, 1.25 V, 1.3 V, 1.8 V,
2.5 V, 2.8 V, 3.3 V, 5.0 V at 300/600 mA max load current
• Precise Voltage reference, adjustable via OTP to 1.8 V, 2.5 V, 3.3 V,
4.1 V at 20 mA max load current
• SPI interface with CRC
• Programmable slew rate/soft start
• Voltage supervisors
• Spread frequency spectrum
• Reset and reset sensitivity list
• Adjustable window watchdog supervisors
• Programmed power up phase via OTP
• Short circuit protected outputs and Fault detection pin to Microcontroller
• Low external components number
• Thermal shutdown junction temperature 175 °C

Description
STPM066S is a multiple voltage regulator composed by one battery compatible
BUCK pre-regulator, one BOOST, one LDO and a precise voltage reference
regulator. All the regulators have internal power switches.
OTP (One Time Programmable) cells are used for the main device parameters
programming (output voltages and currents, switching frequencies) and to configure
the power up sequence.
An SPI interface can be used to enable or disable the single voltage regulators, for
diagnostic information and to program internal blocks parameters (monitor and Power
Good thresholds, slew rate, etc.).
The device offers a set of features to support applications that need to fulfill functional
safety requirements as defined by Automotive Safety Integrity Level (ASIL) A-B-C-D.




Similar Part No. - STPM066S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results


Similar Description - STPM066S

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00FR BALLUFF-BAE00FR Datasheet
120Kb / 3P
Lighting for Vision Systems
0.72_2021-10-12
BAE00H2 BALLUFF-BAE00H2 Datasheet
116Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00JE BALLUFF-BAE00JE Datasheet
116Kb / 3P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011P BALLUFF-BAE011P Datasheet
126Kb / 2P
Lighting for Vision Systems
0.26_2021-10-12
logo
STMicroelectronics
L5965 STMICROELECTRONICS-L5965 Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com