Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 5Page - STMicroelectronics STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
BUCK
VBUCK
Input voltage range
-
4
-
32
V
VBUCK
Output voltage (no load, static)
BUCK CFG vsel<2:0> = 000
-2%
5.0
+2%
V
BUCK CFG vsel<2:0> = 001
3.6
V
BUCK CFG vsel<2:0> = 010
3.3
V
BUCK CFG vsel<2:0> = 011
1.5
V
BUCK CFG vsel<2:0> = 100
1.35
V
BUCK CFG vsel<2:0> = 101
1.2
V
BUCK CFG vsel<2:0> = 110
1.1
V
BUCK CFG vsel<2:0> = 111
1.0
V
ton_min
Min Ton internal FET
-
-
120
180
ns
trefresh
Refresh time
-
-
10
12
µs
toff_min
Min Toff internal FET
-
-
80
110
ns
PG/Vout_buck
Powergood vs Vout_buck
-
91
-
97
%
FSW
Free running frequency
BUCK CFG freqsel<4> = 0
0.34
0.4
0.46
MHz
BUCK CFG freqsel<4> = 1
2.04
2.4
2.76
MHz
∆VLINER-LOADR_VBUCK
Static line + load regulation
VIN = 6 V to 32 V, VOUT = V
ILoad = 0.3 A to 1.8 A
-1
0.45
+1
%
ILIMIT
Peak switching current
limitation
BUCK CFG cursel<3> = 0
1.35
1.8
2.3
A
BUCK CFG cursel<3> = 1
2.5
3.3
4.2
A
RonHS
High side switch on resistance -
-
120
190
mΩ
RonLS
Low side switch on resistance
-
-
110
190
mΩ
ƞ(4)
Efficiency
FSW =400 kHz, VIN=14 V, VOUT = 5 V/3.3 V,
Iload = 2 A
-
86
-
%
FSW = 2.4 MHz, VIN = 5 V, VOUT = 3.3 V,
Iload = 1 A
-
88
-
%
tSOFTSTART_BUCK
Soft start time when start up,
Vref from 0 V to 1 V
BUCK_SSCLK_SEL<10:9> = 00 default
0.35
0.45
0.5
ms
BUCK_SSCLK_SEL<10:9> = 01
0.8
1.1
1.4
ms
BUCK_SSCLK_SEL<10:9> = 10
1.7
2.2
2.7
ms
Fspread_BUCK2
Spread spectrum range
Fsw = 400 kHz
-20
-
20
%
Fsw = 2.4 MHz
-4
-
4
%
tSR_PH(4)
Output stage slew rate when
FSW = 400 kHz
VIN = 14 V, Iload = 1.8 A, VOUT = 3.3 V
BUCK_OUTPUT_SR<5:4> = 00
-
10
-
ns
BUCK_OUTPUT_SR<5:4> = 01
-
20
-
ns
Output stage slew rate when
FSW = 2.4 MHz
VIN = 5 V, Iload = 1 A, VOUT = 3.3 V
-
10
-
ns
BOOST
VIN_BOOST
Input voltage range
-
3.0
-
5.5
V
ILEAKAGE
Leakage current
No load
-
-
1
mA
VBOOST
Output voltage
BOOST CFG vsel<0> = 0
-2%
5
+2%
V
STPM066S
Electrical characteristics
DS12976 - Rev 2
page 9/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com