Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 43Page - STMicroelectronics STPM066S Datasheet HTML 44Page - STMicroelectronics STPM066S Datasheet HTML 45Page - STMicroelectronics STPM066S Datasheet HTML 46Page - STMicroelectronics STPM066S Datasheet HTML 47Page - STMicroelectronics STPM066S Datasheet HTML 48Page - STMicroelectronics STPM066S Datasheet HTML 49Page - STMicroelectronics STPM066S Datasheet HTML 50Page - STMicroelectronics STPM066S Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Table 16. WD_REC_en OTP
Bit Nb
Name
Description
Row 8
Bit6
OTP_WD_REC_en
When OTP bit = 0, SPI bit = 0 make a WD failure to assert RESET_B but not affect the FSM.
All regulators keep running in active mode. If the SPI bit = 1 WD failure asserts RESET_B and
makes FSM go to REC state.
When OTP bit = 1, a WD failure asserts RESET_B and makes FSM go to REC state.
Table 17. OvRst_EN
Bit num
Name
Description
Row 8
Bit5
OvRst_EN<0>
OV assert RESET_B enable for BUCK and LDO
0: no OV of regulator can assert RESET_B;
1: the OV of regulator that is in the reset activation list can assert RESET_B.
Table 18. Prg Flag OTP
Bit Nb
Name
Description
Row 9
Bit15:13
OTP_Prg_Flag
When OTP bit = "000", the fsm goes to OTP programming mode
When OTP bit != "000", the Buck is enabled
Table 19. Buck CFG
Bit num
Name
Description
Row 9
Bit9
freqsel<0>
Free Running Frequency selection
0: 0.4 MHz programming
1: 2.4 MHz
Row 9
Bit8
cursel<0>
Max current selection
0: 1.5 A
1: 3.0 A programming
Row 9
Bit7:5
vsel<2:0>
Output Voltage selection
000: 5.0 V
001: 3.6 V
010: 3.3 V
011: 1.5 V
100: 1.35 V
101: 1.2 V
110: 1.1 V
111: 1.0 V
Table 20. Enables
EnLDO
EnBoost
EnVREF
enable of LDO
0: disable
1: enable
enable of Boost
0: disable
1: enable
enable of VREF
0: disable
1: enable
STPM066S
OTP bit mapping and register configuration
DS12976 - Rev 2
page 47/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com