Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 41Page - STMicroelectronics STPM066S Datasheet HTML 42Page - STMicroelectronics STPM066S Datasheet HTML 43Page - STMicroelectronics STPM066S Datasheet HTML 44Page - STMicroelectronics STPM066S Datasheet HTML 45Page - STMicroelectronics STPM066S Datasheet HTML 46Page - STMicroelectronics STPM066S Datasheet HTML 47Page - STMicroelectronics STPM066S Datasheet HTML 48Page - STMicroelectronics STPM066S Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Reset signal release is programmed via OTP: three OTP bits associate the reset signal to a regulator.
A regulator is a “reset associated regulator” if it can issue a reset signal. This is decided by OTP. RESET_B
de-asserts only when the Power Good signals of all the “reset associated regulators” are high.
When a regulator starts the power up phase, a dedicated timer, whose duration is typically of 20ms, is started:
if the Power Good signal goes high before the time expires, then the state machine moves to the next regulator
in the sequence (after the OTP programmed delay). If the time expires and the Power Good is still low, then the
correspondent regulator power up phase is considered failed.
We can have two possible scenarios, depending on the regulator type (Buck, or Reset associated, or Post):
•
BUCK power up phase fails: the FAULT pin is asserted, RESET_B is kept low and the device goes to a safe
state (called REC state) waiting for a WKUP falling down transition to go back to STANDBY.
•
Reset associated regulator or post regulator power up phase fails: the FAULT pin is asserted, RESET_B
signal is kept low and SEC_UP phase is completed for the other regulators. Once the device has moved to
the ACTIVE state, it immediately goes back to SEC_UP state to retry to turn on the failed regulator. The retry
phase is done three times: if the fail is still present, then the device moves to REC state.
Figure 21. State machine for SEC UP
RAMPUP
BUCK
2nd REG
last REG
Active
2nd reg ok
(2nd PG = 1 before timer
expired) or time expired
last reg ok
(last PG = 1 before timer
expired) or time expired
SECUP fail <3
GADG0910180859PS
SECUP
STPM066S
RAMPUP and SEC_UP
DS12976 - Rev 2
page 45/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com