Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics STPM066S Datasheet HTML 22Page - STMicroelectronics STPM066S Datasheet HTML 23Page - STMicroelectronics STPM066S Datasheet HTML 24Page - STMicroelectronics STPM066S Datasheet HTML 25Page - STMicroelectronics STPM066S Datasheet HTML 26Page - STMicroelectronics STPM066S Datasheet HTML 27Page - STMicroelectronics STPM066S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
VBATx can be read from 0 to 44 V:
Decimal=23.27×VBATxx=1,2 −1
(5)
VBATx=decimal+1
23.27
(6)
Example:
When the read out SPI register is 0x145, the decimal is 325 and VBAT1 = 14 V.
If the read out of SPI register is 0x28B, the decimal is 651 and VBAT1 = 28 V.
4.2.12
Maximum Duty Cycle and Refresh Mode for Buck
The high-side N-channel MOSFET is turned on at the beginning of each clock cycle and kept on until the inductor
current reaches its peak value as set by the regulation loop. Once the high side power is turned OFF, and after
a small delay (shoot-through delay), the lower N-channel MOSFET is turned on until the start of the next clock
cycle.
In dropout operation the high-side MOSFET can stay on 100%. To ensure the bootstrap capacitor is recharged,
the buck low-side power is forced off time (140ns) per 4 cycles. It is called “refresh mode”. This forced OFF time
limits the maximum duty cycle of the buck to:
Dmax=1−fsw⋅tOFF⋅0.25
(7)
The actual maximum duty cycle varies with the switching frequency.
Figure 13. Refresh mode in bucks
4 cycles
fSW_buck
PH_buck
tOFF_refresh
GADG0509181611PS
4.2.13
Frequency-Hopping Spread Spectrum
STPM066S features a pseudo-random spectrum for 2.4 MHz switching frequency, and a triangular spread
architecture for 400 kHz switching frequency. The frequency shifts only by one step at each cycle to avoid large
jumps in bucks and boost switching frequencies.
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 24/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com