Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 48 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 44Page - STMicroelectronics STPM066S Datasheet HTML 45Page - STMicroelectronics STPM066S Datasheet HTML 46Page - STMicroelectronics STPM066S Datasheet HTML 47Page - STMicroelectronics STPM066S Datasheet HTML 48Page - STMicroelectronics STPM066S Datasheet HTML 49Page - STMicroelectronics STPM066S Datasheet HTML 50Page - STMicroelectronics STPM066S Datasheet HTML 51Page - STMicroelectronics STPM066S Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
Table 21. SeqId, LDO, Boost, Vref
Bit Nb
Name
Description
Bit12:10
SeqID_x<2:0>
(x=boost, vref, ldo)
000: regulator is turned on only by SPI enable signal(1)
001: regulator is turned on after Buck regulator
010: regulator is turned on as third one
011: regulator is turned on as fourth one
111: regulator is turned on only by SPI enable signal(1)
1. If enabled by OTP.
Table 22. LDO CFG OTP
Bit num
Name
Description
Row 11
Bit7
cursel<0>
Maximum current selection
0: 0.299 A
1: 0.599 A
Row 11
Bit6:4
vsel<2:0>
Output Voltage selection
000: 5.0 V
001: 3.3 V
010: 2.8 V
011: 2.5 V
100: 1.8 V
101: 1.3 V
110: 1.25 V
111: 1.2 V
Table 23. Boost CFG OTP
Bit num
Name
Description
Row 11
Bit3
vsel<0>
Output Voltage selection
0: 5.0 V (programming)
1: 7.0 V
Table 24. USR Area Protection OTP
Bit num
Name
Description
Row 12
Bit15:13
Usr_area_protection<2:0>
Rewrite protection.
111: the User SAF rows couldn’t be burned or simulated; (programming)
Others: the User SAF rows could be burned or simulated
Table 25. PowerOn Delay OTP
<1:0>
time (ms)
00
0
01
2 (min 1.49, max 2.3) (programming)
10
5 (min 4.04 max 5.75)
11
10 (min 8.29 max 11.5)
STPM066S
OTP bit mapping and register configuration
DS12976 - Rev 2
page 48/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com