Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 22Page - STMicroelectronics STPM066S Datasheet HTML 23Page - STMicroelectronics STPM066S Datasheet HTML 24Page - STMicroelectronics STPM066S Datasheet HTML 25Page - STMicroelectronics STPM066S Datasheet HTML 26Page - STMicroelectronics STPM066S Datasheet HTML 27Page - STMicroelectronics STPM066S Datasheet HTML 28Page - STMicroelectronics STPM066S Datasheet HTML 29Page - STMicroelectronics STPM066S Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Figure 15. SPI diagram
CSN
shift
sample
data shifted out
data updated
CLK
DO
DI
GAPG2306151214PS
DO is sampled by the microcontroller on CLK falling edge, DI is sampled by STPM066S on CLK falling edge. In
case of writing operation selected, internal register is updated at CSN rising edge.
In the below figure SPI protocol is shown:
•
1st Frame: Write Access on RW Register X → Register X is updated at the end of the frame.
•
After the update of register X, the data out shift register is updated too.
•
2nd Frame: Read Access → Register X with data Y is shifted out on MISO.
•
Register X is not updated because the R/W bit is LOW.
•
The data out shift register is updated with the same data.
Figure 16. SPI protocol diagram
CSN
R/W = 1
R/W = 0
register X updated with data Y
Register X shifted out (data Y)
Write register X, data Y
Data out to be shifted out updated
CLK
DO
DI
GAPG2306151521PS
CSN
CLK
DO
DI
To detect frame losses/non-refreshment, Bit21 of DI frame must have opposite values in sequential frames. If a
static fault (stuck-at) or cross-talk occurs, the communication data received would not pass the CRC check and
will be discarded: FAULT pin is asserted.
If SPI communication has some errors (no matter to which register), the write in data is discarded. In the next
SPI communication, DO will automatically read out 0x1D register address and data-in order to give details on SPI
error.
Table 9. Input CSN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCSNLOW
Input voltage low level
Normal mode
–
–
1
V
VCSNHIGH
Input voltage high level
Normal mode
2.3
–
–
V
VCSNHYS
VCSNHIGH - VCSNLOW
Normal mode
0.2
0.4
–
V
ICSNPU
Internal pull up resistor
Normal mode
–
800
–
kΩ
STPM066S
SPI format and register mapping
DS12976 - Rev 2
page 26/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com