Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 49Page - STMicroelectronics STPM066S Datasheet HTML 50Page - STMicroelectronics STPM066S Datasheet HTML 51Page - STMicroelectronics STPM066S Datasheet HTML 52Page - STMicroelectronics STPM066S Datasheet HTML 53Page - STMicroelectronics STPM066S Datasheet HTML 54Page - STMicroelectronics STPM066S Datasheet HTML 55Page - STMicroelectronics STPM066S Datasheet HTML 56Page - STMicroelectronics STPM066S Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
6.9.5
SAF_REG_STAT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
Address
0x34
[0] SAF_USR_PROTECT_STAT: SAF protection status for usr region; '1' means the SAF rows in user
region can't be burned or simulated;
[1] SAF_RES_PROTECT_STAT: SAF protection status for usr region; '1' means the SAF rows in trim
region can't be burned or simulated;
[2] STATUS_CRC_GLB: CRC checksum status for all rows;
[3] SAF_CRC_OK: CRC checksum status for current SAF row reading operation;
[4] SAF_BUSY: SAF is busy for reading/program or CRC checking;
[5] SAF_AUTO_DL_END: '1' means SAFauto download is ended;
[6] SAF_OPERATION_ERROR: Invalid SAF operation in OTP programing mode;
[7] CRC_BUSY: CRC busy flag;
[15:8] RESERVED
Note: This register is only accessible in OTP program mode.
6.10
Power down phase
When WKUP signal goes low, the device moves from any state to STANDBY status turning off all the regulators:
at first all the active regulators are switched off, then, after a delay time (Tdelay), the internal VREG is switched off
too.
6.11
Power up programming
According to the data written in OTP cells, we can have different power up phases.
After the Pre-regulator Buck is turned on, the power-up order of the other regulators can be selected, via OTP, as
follows:
•
000 = regulator is turned on only by SPI enable signal
•
001 = regulator is turned on after Buck regulator (second regulator)
•
010 = regulator is turned on as third one
•
011 = regulator is turned on as fourth one
•
111 = regulator is turned on only by SPI enable signal
STPM066S
Power down phase
DS12976 - Rev 2
page 53/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com