Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 31Page - STMicroelectronics STPM066S Datasheet HTML 32Page - STMicroelectronics STPM066S Datasheet HTML 33Page - STMicroelectronics STPM066S Datasheet HTML 34Page - STMicroelectronics STPM066S Datasheet HTML 35Page - STMicroelectronics STPM066S Datasheet HTML 36Page - STMicroelectronics STPM066S Datasheet HTML 37Page - STMicroelectronics STPM066S Datasheet HTML 38Page - STMicroelectronics STPM066S Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
5.2.8
SPI REG Fault Table PWUP
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x12
XX_POWERUP_FAULT: 1: means Power-on failed
0: means Power-on succeeded or regulator disabled by OTP
REC_CNT: the counter of times that FSM into REC; will be cleared in STANDBY. If inf_retrail_en=1, REC_CNT is
always 0.
PLL_LOCK_STATUS: this bit is reporting the internal PLL locking status. When "1", the output frequency of the PLL is locked
and stable. When "0", the PLL is not yet stable or off.
WD_FAIL: watchdog fail flag, read and clear; Include normal WDI WD or SPI WD.
0: no fail
1: fail
ABIST_ERR: ABist fail flag, read only.
0: no fail
1: fail
SAF_CRC_FAILED: read only.
0: no fail
1: fail
LBIST_ERR: read only.
0: no fail
1: fail
5.2.9
SPI REG ADC TH1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
ADC_TH1
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
Address
0x13
ADC_TH1: ADC bits output for TH1 cluster (VREG); read only
STPM066S
SPI registers mapping
DS12976 - Rev 2
page 35/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com