Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 4Page - STMicroelectronics STPM066S Datasheet HTML 5Page - STMicroelectronics STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
3.3
Electrical characteristics
VBAT1, VBAT2 = 14 V typ, 16 V max, Tamb = –40 °C to 125 °C, unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General characteristics
VBAT1
Car domain operating range
-
4
14
32(1)
V
VBAT2
Car domain operating range
-
4
14
32(1)
V
ISTANDBY1
STANDBY mode total current
consumption on VBAT
All regulators off, VBAT1 = 14 V, non-supply
inputs floating, current consumption from the
supplies
-
-
50
µA
ISTANDBY2
STANDBY mode total current
consumption on VSBUCK
All regulators off, VVSBUCK = 14 V, non-supply
inputs floating, current consumption from the
supplies
-
-
1
µA
IACTIVE
ACTIVE mode total current
consumption
BUCK only, VVBAT1-VBAT2 = 14 V
-
10
-
mA
IACTIVE_ALL
ACTIVE mode total current
consumption
All regulators ON, VVBAT1-VBAT2 = 14 V,
-
40
-
mA
SRVBAT1-2_UP(2)
Rising supply voltage slew
rate on VBAT1 and VBAT2
-
-
-
35
kV/s
Supply monitors
VUV
Under-voltage threshold for
VBAT1 and VBAT2
Supply decreasing
5.3
5.8
6.3
V
VUV_HYS
Under-voltage hysteresis
-
-
0.2
0.4
V
VOK
OK threshold for VBAT2
Supply increasing
5.5
6
6.5
V
VOK_HYS
OK-voltage hysteresis for
VBAT2
-
-
0.2
0.4
V
VOV
Over-voltage threshold for
VBAT2
Supply increasing
30
32
34
V
VOV_HYS
Over-voltage hysteresis
-
–
2
2.4
V
tUVOV_filter
Over/under voltage filter time
-
12
16
-
µs
VRESETB
RESETB pin low output
voltage
IRESET = 1 mA
-
0.1
0.2
V
TRESETB
RESETB pulse duration
-
4
10
16
µs
VFAULT
FAULT pin low output voltage
IFAULT = 1 mA
0.1
0.2
V
Power on reset
VPOR_R
VBAT1 threshold
VBAT1 rising
3
3.4
3.8
V
VPOR_F
VBAT1 threshold
VBAT1 falling
2.8
3.2
3.6
V
Oscillator
fosc
Oscillator frequency
-
4.08
4.8
5.52
MHz
fIN
Input frequency at SYNCIN pin -
1.8
-
2.76
MHz
VHSYNC
SYNCIN high threshold
-
2.1
-
-
V
VLSYNC
SYNCIN low threshold
-
-
-
1
V
STPM066S
Electrical characteristics
DS12976 - Rev 2
page 8/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com