Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 5 Page - STMicroelectronics

  STPM066S Datasheet HTML 1Page - STMicroelectronics STPM066S Datasheet HTML 2Page - STMicroelectronics STPM066S Datasheet HTML 3Page - STMicroelectronics STPM066S Datasheet HTML 4Page - STMicroelectronics STPM066S Datasheet HTML 5Page - STMicroelectronics STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
No.
Pin name
Pin type
Description
16
N.C.
-
-
17
N.C.
-
-
18
DGND
G
Digital GND
19
N.C.
-
-
20
N.C.
-
-
21
AGND
G
Analog GND
22
N.C.
-
-
23
N.C.
-
-
24
N.C.
-
-
25
WKUP
I
Wake up input. Internal 200 kΩ pull-down
26
PH_BOOST
O
BOOST switching node
27
PGND_BOOST
G
BOOST power ground
28
VRBOOST_S
I
BOOST regulated voltage output (to internal voltage monitors)
29
COMP
I/O
BUCK Error Amplifier compensation network
30
VRBUCK_S
I
BUCK regulated voltage output (to internal voltage monitors)
31
PGND_BUCK
G
BUCK Power ground
32
PH_BUCK
O
Switching node BUCK
33
VBAT2
S
Input voltage supply for BUCK
34
BST
I/O
Boot-strap capacitor to supply BUCK high-side MOS gate-driver circuitry
35
SYNCIN
I
PWM input frequency for synchronization purpose. Internal current pull-down
36
SYNCOUT
O
PWM output frequency of inner 2.4M oscillator, or SYNCIN if used
37
WDI
I
Watchdog input. WDI is trigger input from MCU. Internal current pull-down
38
CSN
I
SPI: chip select (not) input. Internal current pull-up
39
DI
I
SPI: serial data input. Internal current pull-down
40
CLK
I
SPI: serial clock input. Internal current pull-down
41
DO
OD
SPI: serial data output (open drain)
42
RESET_B
OD
Reset
43
FAULT
OD
Fault pin detection to MCU
44
DGND
G
Digital GND
45
SGND
G
Signal ground for low noise circuitry
46
AGND
G
Analog GND
47
LDO
O
Linear regulated output
48
VSLDO
S
Input voltage supply for LDO
Note:
N.C. means the pins are not internally bonded.
STPM066S
Pins description
DS12976 - Rev 2
page 5/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com