Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 1 Page - STMicroelectronics

  STPM066S Datasheet HTML 1Page - STMicroelectronics STPM066S Datasheet HTML 2Page - STMicroelectronics STPM066S Datasheet HTML 3Page - STMicroelectronics STPM066S Datasheet HTML 4Page - STMicroelectronics STPM066S Datasheet HTML 5Page - STMicroelectronics STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
VFQFPN-48 (7x7 mm)
Features
•
AEC-Q100 qualified
•
Pre SMPS BUCK regulator, adjustable via OTP to 1.0 V, 1.1 V, 1.2 V, 1.35 V,
1.5 V, 3.3 V, 3.6 V, 5.0 V at 1.35/2.6 A min peak current limit, 0.4/2.4 MHz
•
Post SMPS BOOST regulator, adjustable via OTP to 5.0 V at 0.3 A max load
current, 7.0 V at 0.2 A max load current, 2.4 MHz
•
Post Linear regulator LDO, adjustable via OTP to 1.2 V, 1.25 V, 1.3 V, 1.8 V,
2.5 V, 2.8 V, 3.3 V, 5.0 V at 300/600 mA max load current
•
Precise Voltage reference, adjustable via OTP to 1.8 V, 2.5 V, 3.3 V,
4.1 V at 20 mA max load current
•
SPI interface with CRC
•
Programmable slew rate/soft start
•
Voltage supervisors
•
Spread frequency spectrum
•
Reset and reset sensitivity list
•
Adjustable window watchdog supervisors
•
Programmed power up phase via OTP
•
Short circuit protected outputs and Fault detection pin to Microcontroller
•
Low external components number
•
Thermal shutdown junction temperature 175 °C
Description
STPM066S is a multiple voltage regulator composed by one battery compatible
BUCK pre-regulator, one BOOST, one LDO and a precise voltage reference
regulator. All the regulators have internal power switches.
OTP (One Time Programmable) cells are used for the main device parameters
programming (output voltages and currents, switching frequencies) and to configure
the power up sequence.
An SPI interface can be used to enable or disable the single voltage regulators, for
diagnostic information and to program internal blocks parameters (monitor and Power
Good thresholds, slew rate, etc.).
The device offers a set of features to support applications that need to fulfill functional
safety requirements as defined by Automotive Safety Integrity Level (ASIL) A-B-C-D.
Product status link
STPM066S
Product summary
Order code
Package
Packing
STPM066S-
V0Y
VFQFPN-48
Tray
STPM066S-
V0T
Tape and
reel
Power management for automotive vision and radar systems
STPM066S
Datasheet
DS12976 - Rev 2 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPM066S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results

Similar Description - STPM066S

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00FR BALLUFF-BAE00FR Datasheet
120Kb / 3P
Lighting for Vision Systems
0.72_2021-10-12
BAE00H2 BALLUFF-BAE00H2 Datasheet
116Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00JE BALLUFF-BAE00JE Datasheet
116Kb / 3P
Lighting for Vision Systems
0.67_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011P BALLUFF-BAE011P Datasheet
126Kb / 2P
Lighting for Vision Systems
0.26_2021-10-12
logo
STMicroelectronics
L5965 STMICROELECTRONICS-L5965 Datasheet
1Mb / 85P
Power management for automotive vision and radar systems
09-May-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com