Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics STPM066S Datasheet HTML 22Page - STMicroelectronics STPM066S Datasheet HTML 23Page - STMicroelectronics STPM066S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
4.2.9
Configurable watchdog and reset
During normal operation, the watchdog monitors the microcontroller within a programmable trigger cycle. When
the device is in ACTIVE mode, which means the power up phase has been correctly performed and RESET_B
signal has been released, the watchdog is started with a timeout (long open window TLW ) to allow the
microcontroller to run its own setup and then to start the window watchdog by setting an inner signal TRIG =
1. Subsequently, the micro controller has to serve the watchdog by providing the watchdog trigger bit TRIG within
the safe trigger area TSW. The trigger time is configurable by SPI. A correct watchdog trigger signal immediately
starts the next cycle. A wrong watchdog trigger causes a watchdog failure.
WDI signal can be ignored (by setting OTP bit) and SPI can be used as watchdog: in this case, a specific SPI
register must be accessed and toggled by SPI within the watchdog window. If the register is not refreshed at the
right time, a watchdog failure happens. In case of a watchdog failure, a RESET_B is always asserted, and the
device goes to REC mode or keeps in ACTIVE mode depending on the WD_REC_en OTP configuration.
If OTP_WD_REC_en = 1 the device goes to REC mode in case of WD failure, and WD is no more active until the
ACTIVE mode is reached.
If OTP_WD_REC_en = 0, the device keeps in ACTIVE mode in case of WD failure, and WD is inactive for 280 ns
(1 system clock cycle, not significant), then active again in Long open window, and RESET_B asserts a small
pulse (typ 8 µs). Moving SPI_WD_REC_en = 1, the device behavior is the same as OTP_WD_REC_en = 1.
Configuration with OTP_WD_REC_en = 0 is useful if voltages should be immediately active in order to initialize
the system, regardless of the WD signal.
The following picture illustrates the watchdog behavior.
Figure 8. Watchdog behavior
Trig=1
Proper trigger in
window mode
WD is working when in ACTIVE mode and OTP bit is enabled
Window
mode
WD off
Long
open
window
WD is stop
WD is working
Shutdown mode
GAPG2306150737PS
The watchdog trigger time is configured by setting SPI. The change of this time is not limited to the Long Open
Window. It can be changed also in "Window mode" state. However, it is suggested to write these bits only during
the long window, in order to avoid watchdog failures. Besides, the first trigger time should be < TLW (160 ms),
after that, next trigger should happen between (previous _Trigger_ time + TSW_min) and (previous _Trigger_ time
+ TSW_max).
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 20/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com