Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 46 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 42Page - STMicroelectronics STPM066S Datasheet HTML 43Page - STMicroelectronics STPM066S Datasheet HTML 44Page - STMicroelectronics STPM066S Datasheet HTML 45Page - STMicroelectronics STPM066S Datasheet HTML 46Page - STMicroelectronics STPM066S Datasheet HTML 47Page - STMicroelectronics STPM066S Datasheet HTML 48Page - STMicroelectronics STPM066S Datasheet HTML 49Page - STMicroelectronics STPM066S Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
6.6
ACTIVE mode
In ACTIVE Mode the regulators are ON and the device is controlled by SPI: SPI communication is active only in
this state. All the regulators, except the Buck regulator and the ones disabled via OTP (ENx = 0), can be turned
on and off via SPI; if the device goes out from ACTIVE mode, OTP power up phase is recovered.
If a fault occurs, the device can stay in ACTIVE Mode or move to REC, depending on the regulator involved and
the kind of fault.
•
A fault that asserts RESET_B moves the IC to the REC phase. WD failure asserting RESET_B depends on
OTP bit WD_REC_en: if WD_REC_en=1, STPM066S moves to REC phase;
•
if WD_REC_en=0, STPM066S keeps in ACTIVE mode.
WKUP pin is continuously monitored: if the signal goes low after a filtering time, then STPM066S goes back to
STANDBY state after proper Power Down phase.
When the IC is switched on for the first time, supplying VBAT1 and/or VBAT2, a fault is asserted by VBAT1_uv or
VBAT2_uv. That’s not a real fault, and it can be cleared by an SPI read&clear command.
6.7
OTP program mode
STPM066S needs a programming phase of OTP (One Time Programmable) cells before starting any operation:
this is allowed by providing battery line higher than 17 V (~20 V) at VBAT1 pin, together with a dedicated SPI
word.
STPM066S is programmed has shown in Section 6.8 OTP bit mapping and register configuration
6.8
OTP bit mapping and register configuration
Figure 22. OTP bit mapping
15
14
13
12
11
10
9
8
7
6
5
4
3
2 1 0
8
OTP_WD_REC_en OvRst EN
9
11
EnLDO EnBOOST
BOOST CFG
12
EnVREF
CRC
OTP prg Flag
CRC
SeqId LDO
USR Area Protection
Reset activation
Device identification
BUCK CFG
LDO CFG
PowrOn Delay
VREF CFG
CRC
CRC
WDG CFG
SeqId VREF
SeqId BOOST
GADG0306190948PS
Table 14. Reset activation OTP
Bit Nb
Name
Description
Row 8
Bit15:13 Reset_activation<2:0>
(1)
Reset release
000: Reset release after PGOOD of the BUCK with a delay set by PowrOn Delay
001: Reset release after PGOOD of the 2nd regulator with a delay set by PowrOn Delay
010: Reset release after PGOOD of the 3rd regulator with a delay set by PowrOn Delay
011: Reset release after PGOOD of the 4th regulator with a delay set by PowrOn Delay
111: Reset release when ACTIVE state is reached (unconditional Reset release)
1. All regulators switched on before the Reset is released are considered part of the "Reset activation list"
Table 15. Device identification OTP
Bit Nb
Name
Description
Row 8
Bit12:7
Device_id<5:0>
Custom information. It can be read out by SPI.
STPM066S
ACTIVE mode
DS12976 - Rev 2
page 46/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com