Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
•
The device can be moved to STANDBY mode, applying a voltage below VWAKE_OFF threshold, with a
minimum pulse width of tWAKE_FILTER.
4.2.7
Synchronizing pin (SYNC in/out)
The user can provide an external clock on SYNCIN pin (higher than 1.8 MHz) in order to change the switching
frequency of the internal regulators (Buck and Boost).
In case an external clock is not provided, SYNCIN can be left floating (with inner pull-down resistor). All regulators
work at their default switching frequency or, for the Buck, the frequency selected by OTP.
When a clock at fsyncin frequency is provided on SYNCIN pin:
•
Boost works at fsyncin if fsyncin>1.8 MHz or 2.4 MHz (default switching frequency) if fsyncin<1.2 MHz.
•
When the frequency of the Buck is set to 2.4 MHz by OTP, the Buck works at fsyncin if fsyncin>1.8 MHz or
2.4 MHz (default switching frequency) if fsyncin<1.2 MHz.
•
When frequency of the Buck is set to 400 kHz by OTP, the Buck works at fsyncin/6 if fsyncin>1.8 MHz or
400 kHz (default switching frequency) if fsyncin<1.2 MHz.
Figure 4. SYNC IN/OUT in Active mode
IC
Frequency
processors
Frequency
detection
2.4 MHz
in PLL out
Oscillator
Clock for
buck & boost
Control
logic
Smitter
SYNCIN pin
SYNCOUT pin
MUX
SYNCIN/OUT function in ACTIVE mode
Buffer
0
1
+
-
Reference frequency
GADG1105180837PS
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 17/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com