Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics STPM066S Datasheet HTML 22Page - STMicroelectronics STPM066S Datasheet HTML 23Page - STMicroelectronics STPM066S Datasheet HTML 24Page - STMicroelectronics STPM066S Datasheet HTML 25Page - STMicroelectronics STPM066S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Figure 11. Watchdog Early, Safe and Late window diagram
TSWn = Safe window #1..4
TEFWn = Early Failure window #1..4
TLFWn = Late failure window #1..4
TLFWn_min
TSWn_max
tim
safe trigger area
Late
Watchdog
Failure
undefined
undefined
TEFWn_max
Earl
Watchdog
Failure
TSWn_min
GAPG1502160942PS
4.2.10
Under-Voltage, Over-Voltage and Power-Good
All regulators are monitored and Power-Good, Over-Voltage and Under-Voltage information is provided through
SPI.
One SPI bit allows to select between two threshold options for each regulator.
Over-voltage and Power-Good are checked when the signal is rising, the Under-Voltage is valid when the signal is
falling.
4.2.11
Temperature control and VBATx voltage through internal ADC
In order to provide an advanced on-chip temperature control, power outputs are grouped in 7 clusters with
dedicated thermal sensors. The sensors are suitably located on the device (see Section 4.2.5 ADC). In case
the temperature of a cluster reaches the thermal shutdown threshold, the event is written in the register, the fault
pin is activated, and the single regulator is switched off (all other outputs remain active). In particular, what is
described below takes place.
Thermal Cluster TH1: in case the temperature of TH1 reaches the thermal shutdown threshold, the device moves
to REC mode. The corresponding SPI bit is set and the FAULT pin is asserted.
Thermal Clusters TH3 (buck), TH5 (boost), TH6 (ldo): in case the temperature reaches the thermal shutdown
threshold, the single regulator is shut down. The power stage is switched OFF with a 16 μs filter time. The output
decreases and, when the UV is detected, the buck goes in REC state and can be restarted only when the OT flag
is reset. The corresponding SPI bit is set and the FAULT pin is asserted. In case the thermal shutdown condition
is suspended before the UV is detected, the regulator output turns on again. If the boost or the ldo is not enabled,
in case its temperature reaches the thermal shutdown threshold, the corresponding SPI bit is set and the FAULT
pin is asserted.
Thermal Clusters TH2, TH4: in case the temperature of a cluster reaches the thermal shutdown threshold the
corresponding SPI bit is set and the FAULT pin is asserted.
Thermal Cluster TH7: in case the temperature of TH7 reaches the thermal shutdown threshold, the corresponding
SPI bit is set and the FAULT pin is asserted.
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 22/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com