Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 49 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 45Page - STMicroelectronics STPM066S Datasheet HTML 46Page - STMicroelectronics STPM066S Datasheet HTML 47Page - STMicroelectronics STPM066S Datasheet HTML 48Page - STMicroelectronics STPM066S Datasheet HTML 49Page - STMicroelectronics STPM066S Datasheet HTML 50Page - STMicroelectronics STPM066S Datasheet HTML 51Page - STMicroelectronics STPM066S Datasheet HTML 52Page - STMicroelectronics STPM066S Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Table 26. WDG CFG OTP
Bit num
Name
Description
Row 12
Bit6:5
Wd_cfg<1:0>
Output Voltage selection
00, 01: use hardware watchdog (WDI pin)
10: no watchdog
11: use SPI as watchdog
Table 27. VREF CFG OTP
Bit num
Name
Description
Row 12
Bit4:3
vsel<1:0>
Output Voltage selection
00: 1.8 V
01: 2.5 V
10: 3.3 V (programming)
11: 4.1 V
Figure 23. OTP start-up state check
SHUTDOWN
OTP
programming
STANDBY
REC
WKUP pin low
Power on
VBAT1 > Vpor
&OTP_DL_END=1
&OTP_DL_END=1
GADG0306191536PS
VBAT1 > Vpor
VBAT1 > Vpor
STPM066S
OTP bit mapping and register configuration
DS12976 - Rev 2
page 49/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com