Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 29Page - STMicroelectronics STPM066S Datasheet HTML 30Page - STMicroelectronics STPM066S Datasheet HTML 31Page - STMicroelectronics STPM066S Datasheet HTML 32Page - STMicroelectronics STPM066S Datasheet HTML 33Page - STMicroelectronics STPM066S Datasheet HTML 34Page - STMicroelectronics STPM066S Datasheet HTML 35Page - STMicroelectronics STPM066S Datasheet HTML 36Page - STMicroelectronics STPM066S Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
5.2.5
SPI REG WD
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R/W
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Address
0x06
WD_TWIN: WatchDog Window timer selection (see Watchdog trigger time)
TWK_REC: WKUP high duration timer selection (see WKUP)
INF_RETRIAL_EN: 0: finite restart trials
1: infinite restart trials (default)
FAULT_TOGGLE: fault pin toggle test bits
101: set fault pin 'low';
110: set fault pin 'high';
others: keep fault pin as original fault output.
SPI_WDI: If SPI bit is used as WatchDog Input, SPI need to toggle this bit in WatchDog time windows. This bit
has default value 0.
5.2.6
SPI REG BUCK STAT1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x10
[15:0] '0' means no fault present: read & clear bits
STPM066S
SPI registers mapping
DS12976 - Rev 2
page 33/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com