Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 24Page - STMicroelectronics STPM066S Datasheet HTML 25Page - STMicroelectronics STPM066S Datasheet HTML 26Page - STMicroelectronics STPM066S Datasheet HTML 27Page - STMicroelectronics STPM066S Datasheet HTML 28Page - STMicroelectronics STPM066S Datasheet HTML 29Page - STMicroelectronics STPM066S Datasheet HTML 30Page - STMicroelectronics STPM066S Datasheet HTML 31Page - STMicroelectronics STPM066S Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Figure 18. Timing diagram
Table 11. DI, CLK and CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
–
1000
–
–
ns
tCLKH
Clock high time
–
400
–
–
ns
tCLKL
Clock low time
–
400
–
–
ns
tset CSN
CSN setup time, CSN low before rising edge of CLK
–
500
–
–
ns
tset CLK
CLK setup time, CLK high before rising edge of CSN
–
500
–
–
ns
tset DI
DI setup time
–
25
–
–
ns
thold DI
DI hold time
–
25
–
–
ns
tr in
Rise time of input signal
–
–
–
25
ns
DI, CLK, CSN
tf in
Fall time of input signal
–
–
–
25
ns
DI, CLK, CSN
Table 12. Output DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
IDO = -4 mA
–
–
0.3
V
IDOLK
Open Drain leakage current
When DO output=high
-5
–
5
µA
CDO
Open Drain input capacitance
Guaranteed by design
–
10
15
pF
STPM066S
SPI format and register mapping
DS12976 - Rev 2
page 28/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com