Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 9Page - STMicroelectronics STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TEFW4
Early Failure
Window 4
WD_TWIN<1:0> = 11
-
-
50.9
ms
TLFW4
Late Failure
Window 4
WD_TWIN<1:0> = 11
124.4
-
-
ms
TSW4
Safe Window 4
WD_TWIN<1:0> = 11
62.2
-
101.8
ms
TDWR
Delay between WD trigger
fault and reset low
-
-
-
800(4)
ns
1. STPM066S is compatible with car passenger battery. It works up to a continuous operating voltage of 19 V
and remains active up to 32 V.
2. Application information.
3. Guaranteed by design
4. Guaranteed by bench tests
STPM066S
Electrical characteristics
DS12976 - Rev 2
page 13/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com