Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
4
Functional description
4.1
Programming by OTP
OTP cells are used to program all regulators output voltages and run frequencies, together with additional device
features. Programmable values are:
•
BUCK output values : 5.0 V, 3.6 V, 3.3 V, 1.5 V, 1.35 V, 1.2 V, 1.1 V or 1.0 V (3 bits)
•
BUCK current limit value: 1.35 A or 2.6 A (1 bit)
•
BUCK free running frequency: 0.4 or 2.4 MHz (1 bit)
•
LDO output values : 5.0 V, 3.3 V, 2.8 V, 2.5 V, 1.8 V, 1.3 V, 1.25 V or 1.2V (3 bits)
•
LDO output current limitation: 300 or 600 mA (1 bit)
•
BOOST output voltage: 7.0 V or 5.0 V (1 bit)
•
VREF output voltage: 4.1 V, 3.3 V, 2.5 V or 1.8 V (2 bits)
•
Watchdog selection: by WDI pin or through SPI (2 bits)
–
if OTP "WD_cfg" bits is "00" or "01": Use watchdog;
–
if OTP "WD_cfg" bits is "10" : No watchdog;
–
if OTP "WD_cfg" bits is "11": Use SPI as watchdog;
•
Effect of WD failure on FSM. If SPI_WD_REC_en=0 and OTP_WD_REC_en=0, a WD failure asserts
RESET_B but not FSM: the device keeps active state with regulators running. If one of these bits is “1”,
RESET_B is asserted and FSM goes to REC state.
•
Disabling or activation of a voltage regulator through the SPI
•
Regulators turning on order after the BUCK (2 bits per each regulator)
•
Regulators turning on delay after Power Good of the previous regulator: 0, 2, 5 or 10 ms (2 bits)
•
Reset activation after Power Good signal of a specific regulator (3 bits), with the possibility to add a delay
from 0 (no delay) to 10 ms (2 bits)
•
Reset activation by the over-voltage of regulators in reset activation list (1 bit)
The approach used in the STPM066S device is the following:
•
STPM066S OTP cells must be programmed before the first device turning on:
–
No default status is present for OTP programmed parameters
–
Customer can program OTP by himself
•
If all OTP cells are not written, the device automatically moves to OTP program mode.
•
OTP programming can be done only one time:
–
It is not possible an additional writing procedure after the first one:
◦
3 bits stored inside OTP means OTP written (USR Area Protection)
–
If the OTP programming procedure fails or it is wrong, the device is discarded
If a regulator is not used (disabled), it is recommended to set to “0” its enable and SeqId (post regulator
activation) bits. PGNDx and VBOOST pins should be connected to ground, while other pins can be left floating.
4.2
Voltage regulators and features description
4.2.1
Pre-regulator BUCK
The BUCK regulator operates using constant frequency peak current mode control. It works as Main BUCK
pre-regulator enabled by WKUP pin signal. The input voltage (VBAT2) is compatible with battery level (up to 32 V)
and the overvoltage detection of VBAT2 (typ 32 V, available via SPI and enabled by default) can be disabled via
SPI (enable by default condition). The switching frequency is set via OTP to 0.4/2.4 MHz with the possibility to
have Spread Spectrum (enabled by default and disabled via SPI). Output voltage is programmed with internal
OTP cells to 8 possible values (5.0 V, 3.6 V, 3.3 V, 1.5 V, 1.35 V, 1.2 V, 1.1 V or 1.0 V). Over current protection is
set via OTP to 1.35 or 2.5 A min peak. Soft start time and power stage driver slew rates (change in Trise and Tfall)
can be independently set via SPI. Compensation network is external.
The BUCK regulator provides the following diagnostics:
STPM066S
Functional description
DS12976 - Rev 2
page 14/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com