Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 3Page - STMicroelectronics STPM066S Datasheet HTML 4Page - STMicroelectronics STPM066S Datasheet HTML 5Page - STMicroelectronics STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
3.2
Thermal data
3.2.1
Thermal resistance
Table 3. Operation junction temperature
Symbol
Parameter
Board
Value unit
Unit
Rth j-a-2s
Thermal resistance junction-to-ambient
2s
66
°C/W
Rth j-a-2s2p
2s2p
32
°C/W
Rth j-a-2s2pv
2s2p+vias
26
°C/W
Rth j-case
Thermal resistance junction-to-case
2.2
°C/W
3.2.2
Thermal warning and protection
Table 4. Temperature thresholds
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TSD_TH
Thermal Shutdown
–
160
175
190
°C
TSD_hys
Hysteresis
0.5
4
8
°C
TOT_THx (x=1-7)
Over temperature warning
–
140
155
170
°C
TOT_hysx (x=1-7)
Hysteresis
3
7
11
°C
TSD_filter
Thermal Filter time
–
–
16
–
µs
Tj
Junction temperature
Tj
-40
150
°C
Tstg
Storage temperature
Tstg
150
°C
According to the below formula and considering TSD_TH thermal shutdown minimum threshold at 160 °C, the
maximum suggested power dissipation is:
PDISS_suggested = (TSHD -TAMB) / RTHJ-A
Table 5. Maximum suggested power
Symbol
Tamb 125 ° C
Tamb 105 ° C
Tamb 80 ° C
Rth j-a-2s
0.53 W
0.9 W
1.2 W
Rth j-a-2s2p
1.1 W
1.8 W
2.6 W
Rth j-a-2s2pvias
1.35 W
2.3 W
3.2 W
STPM066S
Thermal data
DS12976 - Rev 2
page 7/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com