Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 59 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 55Page - STMicroelectronics STPM066S Datasheet HTML 56Page - STMicroelectronics STPM066S Datasheet HTML 57Page - STMicroelectronics STPM066S Datasheet HTML 58Page - STMicroelectronics STPM066S Datasheet HTML 59Page - STMicroelectronics STPM066S Datasheet HTML 60Page - STMicroelectronics STPM066S Datasheet HTML 61Page - STMicroelectronics STPM066S Datasheet HTML 62Page - STMicroelectronics STPM066S Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
VFQFPN-48 (7x7x1.0 mm - opt. D) package information
Figure 26. VFQFPN-48 (7x7x1.0 mm - opt. D) package outline
7446345_G_V0 (Opt. C)
COPLANARITY SHALL NOT EXCEED 0.08 mm.
1. ALL DIMENSIONS ARE IN mm. ANGLES IN DEGREES.
3. WARPAGE SHALL NOT EXCEED 0.10 mm.
2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTE :
4. REFER JEDEC MO-220.
24
12
48
36
E
A
A1
1
INDEX AREA
C
ddd
48X
C
0.10 C
B
A
A3
DETAIL A
0.20 Ref
Terminal Length
DETAIL A
0.5±0.05
0.05 Ref
Terminal Thickness
b
12
48
36
24
L
e
1
R0.125
E2
E2
C0.35
0.48 Ref.
0.18 Ref.
0.30 Ref.
A
0.10 M C B
48X
GAPGPS03449
Table 29. VFQFPN-48 (7x7x1.0 - opt. D) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A
0.85
0.95
1.05
A1
-
-
0.05
A2
-
0.75
-
A3
-
0.200
-
STPM066S
Package information
DS12976 - Rev 2
page 59/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com