Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 36Page - STMicroelectronics STPM066S Datasheet HTML 37Page - STMicroelectronics STPM066S Datasheet HTML 38Page - STMicroelectronics STPM066S Datasheet HTML 39Page - STMicroelectronics STPM066S Datasheet HTML 40Page - STMicroelectronics STPM066S Datasheet HTML 41Page - STMicroelectronics STPM066S Datasheet HTML 42Page - STMicroelectronics STPM066S Datasheet HTML 43Page - STMicroelectronics STPM066S Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
5.2.19
SPI Fault STAT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
R
R
R
R
R
R
R
0
0
0
0
0
0
0
Address
0x1D
SPI_FRAME_LONG: SPI frame length error; read & clear
SPI_FRAME_SHORT: SPI frame length error; read & clear
SPI_PAR_FAIL: SPI frame CRC fail; read & clear
SPI_FRAME_CNT_FAULT: SPI frame error on Count bit; read & clear
SPI_ADDRESS_ERR: SPI frame address error; read & clear
CSN_LOW_TIMEOUT_FAIL: 0: Csn right;
1: Csn low time longer than 35 ms; read & clear
5.2.20
SPI Silicon Version
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FSM_STATUS
FSM2REC
TOREC_REASON_FLAG
SILVERSION
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
0x20
SILVERSION: read only ("1000" means 'AA' version), while "0100" identifies "AB"
FSM_STATUS: read only
0001: Shutdown
0010: StandBy
0011: INIT
0100: RampUP
0101: Secup
0110: Active
0111: Rec
STPM066S
SPI registers mapping
DS12976 - Rev 2
page 40/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com