Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
4.2.3
LDO
LDO is a low drop out linear regulator with 8 programmable output voltages (5.0 V, 3.3 V, 2.8 V, 2.5 V, 1.8 V, 1.3 V,
1.25 V or 1.2 V) through OTP cell. The input voltage (VSLDO) is compatible with the BUCK output (up to 5.5 V).
The LDO regulator provides the following diagnostic:
•
Programmable Over Current limitation in case of over-load or short to ground.
•
Monitor of the output voltage is monitored by an independent circuit for UV/OV detection.
•
Over Temperature detection by a local thermal sensor.
LDO Fault management:
•
In case of OV, the power stage is turned off, the fault SPI bit is set and the FAULT pin is asserted. The power
stage is turned on again after a Read & Clear cycle. RESET_B is asserted if enabled by OTP, and it moves
the device to REC state.
•
In case of UV, the SPI bit is set and the FAULT pin is asserted. RESET_B is asserted, according to OTP
reset activation and power up sequence, and moves the device to REC state.
•
If OT occurs, the LDO is switched OFF with a 16 µs filter time. The output decreases until UV is detected.
The regulator goes in REC state and can restart only when OT flag is reset. The corresponding SPI bit is set
and FAULT pin is asserted.
4.2.4
VREF
STPM066S includes a 1% precise voltage reference output to supply a system ADC. Output voltage can be
selected via OTP cell (4.1 V, 3.3 V, 2.5 V or 1.8 V).
VREF provides the following diagnostic:
•
Over Current limitation in case of over-load or short to ground.
•
Monitor of the output voltage by an independent circuit for UV/OV detection.
VREF Fault management:
•
In case of OV, the power stage is turned off, the fault SPI bit is set and the FAULT pin is asserted. The power
stage is turned on again after a Read & Clear cycle.
•
In case of UV, the fault SPI bit is set and the FAULT pin is asserted.
•
In case of OC on VREF for 4 ms, the SPI register fault bit is set and VREF turns off. The FAULT pin is
asserted. VREF turns on again when OC is removed.
4.2.5
ADC
STPM066S includes an Analog to Digital converter (10 bit SAR) to provide via SPI a digital information on internal
local thermal sensors (divided in Thermal Clusters), VBAT1 and VBAT2.
The voltages are provided sequentially by an analog multiplexer.
There are seven Thermal Clusters: three are dedicated to each regulator (TH3, TH5, TH6), three are spread over
signal part (TH1, TH2, TH4) and one is dedicated to the center of the die (TH7):
•
TH1: Center1 (signal part) Temperature Sensor
•
TH2: Center2 (signal part) Temperature Sensor
•
TH3: BUCK2 Temperature Sensor
•
TH4: Center3 (signal part) Temperature Sensor
•
TH5: BOOST Temperature Sensor (the related regulator is disabled)
•
TH6: LDO Temperature Sensor (the related regulator is disabled)
•
TH7: Center of Die Temperature Sensor
4.2.6
Wake up pin (WKUP)
The WKUP pin has an internal pulldown resistance. The maximum voltage this pin can sustain is limited to 40 V.
A higher voltage compliance level in the application can be achieved by applying an external series resistor
between the WKUP pin and the external wake-up signal.
•
When the device is in STANDBY mode, it can be activated by a voltage above VWAKE_ON threshold, with a
minimum duration of tWAKE_FILTER.
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 16/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com