Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics STPM066S Datasheet HTML 22Page - STMicroelectronics STPM066S Datasheet HTML 23Page - STMicroelectronics STPM066S Datasheet HTML 24Page - STMicroelectronics STPM066S Datasheet HTML 25Page - STMicroelectronics STPM066S Datasheet HTML 26Page - STMicroelectronics STPM066S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
In order to provide an advanced on-chip temperature control, power outputs are grouped in 4 clusters with
dedicated thermal sensors. The sensors are suitably located on the device. In case the temperature of a cluster
reaches the thermal shutdown threshold, the outputs assigned to this cluster are shut down (all other outputs
remain active). The central cluster only asserts the FAULT pin. Each output cluster has a dedicated temperature
warning and shutdown flag and the cluster temperature can be read out by SPI.
Next table shows voltages referred to ground and currents are assumed positive when the current flows into the
pin. Tj = -40 °C to 130 °C.
Table 8. Temperature diode characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VTROOM1-4 TSENSE output voltage at 25 °C
T = 25 °C
1.335
V
TCTSENSE1-4 Temperature coefficient for TSENSE output voltage
T = 25 °C; T = 130 °C;
T = -40 °C
-4
mV/K
Figure 12. VTSENSE vs. temperature
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
Temperature (°C)
0.8
0.7
0.6
-40
-20
0
20
40
60
80
100
120
140
160
180
V(TSENSE), MAX.
V(TSENSE), MIN.
V(TSENSE), TYP.
GADG1405181318PS
Cluster temperatures information is available in the SPI registers and can be calculated from the binary coded
register value using the following formula:
Decimal=VTSENSE× 1024
VREFADC −1
(1)
VTSENSE=VTROOM+ Tj−25 ×TCTSENSE
(2)
Starting from the following values:
Decimal= 358.26−Tj
0.488
(3)
Tj=358.26−Decimal×0.488
(4)
We can get this information:
T = -40 °C → decimal code is 816 (0x330, read out from SPI register)
T = 25 °C → decimal code is 683 (0x2AB, read out from SPI register)
Read out SPI register 0x330, means the decimal is 816 → T = -40 °C
Read out SPI register 0x2AB, means the decimal is 683 → T = 25 °C
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 23/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com