Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 2 Page - STMicroelectronics

  STPM066S Datasheet HTML 1Page - STMicroelectronics STPM066S Datasheet HTML 2Page - STMicroelectronics STPM066S Datasheet HTML 3Page - STMicroelectronics STPM066S Datasheet HTML 4Page - STMicroelectronics STPM066S Datasheet HTML 5Page - STMicroelectronics STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
1
Overview
STPM066S is a multichannel voltage regulator easy to use, able to offer flexibility, together with a set of features
that make it compliant to car passenger applications that require functional safety. The product includes input and
output monitors, independent band-gaps, ground loss monitors, internal compensation networks, that also help to
reduce the BOM, digital and analog BIST, fault pin.
STPM066S provides 4 different power rails. A battery-compatible regulator with integrated MOS that can be used
as a pre-regulator for currents up to about 2.6 A. One boost that can be used to supply, for example, a CAN bus,
one linear regulator and 1% accurate reference voltage for the microcontroller.
All output voltages can be selected via memory cells (OTP) that can be programmed before using the PMIC.
This guarantees precision and safety, since output voltages are not susceptible to variations due to the external
environment. It also contributes to reduce the number of external components. Through the OTP it is also
possible to decide the switching frequency of some regulators, the current limitation and the system power-on
sequence.
Programming can also be done at customer’s production line.
There is also an SPI bus, used to program the PMIC and to communicate with the microcontroller. Through this
bus it is possible to set overvoltage and undervoltage thresholds, enable the spread spectrum, select the soft start
time, switch on/off some regulators when required and many other things. The SPI is also used to communicate
the status of the regulators in case of fault, over-temperature or other events.
The maximum free run switching frequency of the bucks is 2.4 MHz, modifiable through external synchronization
signals.
The PMIC can manage watchdog and reset signals.
1.1
Simplified block diagram
Figure 1. Simplified block diagram
Watchdog &
Reset
SPI
Power
management
INDEPENDENT SUPPLIES
Safety
management
VBAT
BUCK
Internal
compensation
BOOST
Supervisors
LDO
Supervisors
VREF
Supervisors
Diagnostics
Oscillator
RESETB
WD
FAULT
Buck pre/post regulator compatible with battery V
5.0-3.6-3.3-1.5-1.35-1.2-1.1-1.0 V @ 1.35-2.6 A
0.4-2.4 MHz
management
OTP
Internally connected to the battery
4.1-3.3-2.5-1.8 V @ 20 mA
SPI
7 V @ 0.2 A, 5 V @ 0.3 A ● 2.4 MHz
Boost post regulator compatible with 5.5 V max
5-3.3-2.8-2.5-1.8-1.3-1.25-1.2 V @ 300/600 mA
Linear post regulator compatible with 5.5 V max
STPM066S
Overview
DS12976 - Rev 2
page 2/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com