Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 23Page - STMicroelectronics STPM066S Datasheet HTML 24Page - STMicroelectronics STPM066S Datasheet HTML 25Page - STMicroelectronics STPM066S Datasheet HTML 26Page - STMicroelectronics STPM066S Datasheet HTML 27Page - STMicroelectronics STPM066S Datasheet HTML 28Page - STMicroelectronics STPM066S Datasheet HTML 29Page - STMicroelectronics STPM066S Datasheet HTML 30Page - STMicroelectronics STPM066S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
Table 10. Input CLK, DI
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Vin L
Input low level
–
–
–
1
V
Vin H
Input high level
–
2.3
–
–
V
Vin Hyst Input hysteresis
–
0.2
0.4
–
V
I in
Pull down current at input
Vin = 1.5 V
3
6.5
12
µ A
Cin
Input capacitance at input pins CSN, CLK, DI
Guaranteed by design
–
–
15
pF
fCLK
SPI input frequency at CLK
Writing / for Reading see note below.
–
–
1
MHz
Application note:
The setup and hold timings of the SPI Master have to be considered when selecting the maximum SPI CLK
frequency. While the DI signal can switch up to 1 MHz, the DO pin is connected to an open drain structure,
therefore the Rise and Fall times of the DO signal need to be calculated as a function of the Pull up resistor
(RDO_PullUp), the capacitive load (CDO_load) and the input High Level and input Low Level thresholds of the SPI
Master (see Figure 17).
Figure 17. SPI Master
DI
DO
Ideal switch
RDO_PullUp
VPullUp_Supply
RDO_switch
CDO_load
Microcontroller - SPI Master
PMIC - SPI Slave
The capacitive load is the sum of all the capacitance seen at DO pin, including PCB traces and other ICs. Rise
time is given by equation Eq. (8), fall time by equation Eq. (9) (hypothesis of RDO_Pullup >> RDO_Switch).
tDO.rise=−CDO.load*RDO.PullUp*ln1−Vin.HigℎLevel.uC_Port
VPullUp.Supply
(8)
tDO.fall=− RDO.switcℎ* CDO.load*ln Vin.LowLevel.uCPort
VPullUp.Supply
(9)
The timing diagram is shown in Figure 18.
STPM066S
SPI format and register mapping
DS12976 - Rev 2
page 27/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com