Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics STPM066S Datasheet HTML 20Page - STMicroelectronics STPM066S Datasheet HTML 21Page - STMicroelectronics STPM066S Datasheet HTML 22Page - STMicroelectronics STPM066S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
A loss of ground (PGLOSS) asserts RESET_B with the following rules:
1.
if the regulator is disabled by OTP, PGLOSS cannot assert RESET_B;
2.
if the regulator is enabled by OTP, but it is not in the Reset Activation list, PGLOSS cannot assert RESET_B;
3.
if the regulator is enabled by OTP and it is in the Reset Activation list, no matter if it is disabled by SPI,
PGLOSS can assert RESET_B.
The undervoltage (UV) asserts RESET_B with the following rules:
•
if the regulator is disabled by OTP, UV cannot assert RESET_B;
•
if the regulator is enabled by OTP, but it is not in the Reset Activation list, UV cannot assert RESET_B;
•
it the regulator is enabled by OTP and it is in the Reset Activation list, but it is disabled by SPI, UV cannot
assert RESET_B;
•
if the regulator is enabled by OTP, it is in the Reset Activation list, no matter if it is disabled by SPI, UV can
assert RESET_B.
The overvoltage (OV) asserts RESET_B in a similar way as the undervoltage, with this additional condition:
•
if OvRst_EN is set to 0 through OTP, the OV cannot assert RESET_B.
A FAULT signal is generated in active mode in case of a fault, as shown in Figure 7.
•
"SPI_parity_fail" refers to SPI_PAR_FAIL, Bit2 of SPI fault STAT
•
"PowerUp fault" is an error generated by regulators during power-up phase:
–
each regulator should complete its own power-up phase up to the power good signal within 20 ms
•
"Digital_Bist_err" is an error generated by one of the following checks:
–
Buck clock generation
–
Logic diagnostics circuit
–
Main State Machine
Figure 7. Fault function in active mode
NOR
FAULT pin
‘1’: no fault
‘0’: with fault
VBAT1/VBAT2_uv/ov
(read&clear)
Buck_fault
(read&clear)
Watchdog_fail
(read&clear)
SPI_fail
(read&clear)
LBIST_err
PowerUp_fault
Center1/2/3_ot
Vref_uv/ov/oc
Boost_uv/ov/oc/ot/pg_loss
Buck_uv/ov/oc/ot/pg_loss
OR
GADG3105190950PS
LDO_uv/ov/ot
Center_ot
In order to avoid triggering RESET and FAULT during the soft start time, the UV is masked when regulators
(BUCK, BOOST, LDO and VREF) are going to be enabled. The masking time is given by the following table.
Table 7. UV masking time
Regulator
Masking time (ms typ.)
BUCK and BOOST
5
LDO and VREF
0.5
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 19/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com