Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IREF_TOT
Reference voltage current limit -
23
35
-
mA
CVREF
VREF load capacitor
-
0.22
-
-
µF
CESR
Load capacitor ESR
-
-
-
30
mΩ
Toc_filter
Filter for over current flag of
VREF
-
-
4
-
ms
SYNC IN/OUT
VSYNCOUTL
Output low level
ISYNCOUT = -1 mA
-
-
0.2
V
VSYNCOUTH
Output high level
ISYNCOUT = 200 μA
3.0
-
3.5
V
CSYNCOUT
Pin capacitance inside silicon
(3)
-
10
15
pF
CL
Load capacitor at application
level
(4)
-
-
200
pF
Tr_SYNCOUT
SYNCOUT rising time
Syncin = 2 MHz, no load, slope 0.5 V - 2.5 V
-
10
20
ns
Tf SYNCOUT
SYNCOUT falling time
Syncin = 2 MHz, no load, slope 2.5 V - 0.5 V
-
4
8
ns
TSYNCOUT
SYNCOUT cycles/seconds
Aligned with SYNCIN frequency range
-
-
370
ns
Tdelay_ SYNC_in-out
Delay between SYNCIN rising
edge and SYNCOUT rising
edge
No load on SYNCOUT pin
-
-
20
ns
DCSYNCIN
Duty cycle of SYNCIN
-
30%
-
70%
Tdet
SYNCIN rising edge detection
time
SYNCIN frequency > 1.6 MHz.
10
14
18
µs
ADC
tcon(3)
Conversion time
-
-
6
-
µs
fADC(3)
Clock frequency (see fosc)
-
4.08
4.8
5.52
MHz
Vref
Vref ADC voltage
-
1.96
2
2.04
V
TUEADC
Total unadjusted error
200 mV to 1.6 V range
-18
-
18
LSB
WKUP
VWAKE_ON
–
-
3
-
4
V
VWAKE_OFF
–
-
2
-
3
V
ILEAK_WKUP
Leakage current
VWKUP = 5 V, active mode
10
-
40
µA
tWAKE_filter
-
-
-
65
-
µs
RPD_WAKE
Internal pull-down resistor
-
-
220
-
kΩ
Twk_rec (SPI reg)
WKUP high duration in REC
TWK_REC<3:2> = 00 default
8
10
11
ms
TWK_REC<3:2> = 01
17
20
22
ms
TWK_REC<3:2> = 10
26
30
33
ms
TWK_REC<3:2> = 11
35
40
44
ms
GND loss comparator
VGL_TH
GND loss threshold
SGND to PGNDx
0.17
0.26
0.35
V
tGL_filter
GND loss filter
-
-
16
-
µs
Power output UV/OV monitor
VUV_L
Under voltage threshold at
falling edge of output (as % of
typical output voltage)
SPI bit = 0 (default)
-
91
-
%
STPM066S
Electrical characteristics
DS12976 - Rev 2
page 11/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com