Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM066S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 6Page - STMicroelectronics STPM066S Datasheet HTML 7Page - STMicroelectronics STPM066S Datasheet HTML 8Page - STMicroelectronics STPM066S Datasheet HTML 9Page - STMicroelectronics STPM066S Datasheet HTML 10Page - STMicroelectronics STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBOOST
Output voltage
BOOST CFG vsel<0> = 1
-2%
+2%
7
V
IBOOST_limit
Switch current limitation
-
500
-
–
mA
FSW_BOOST
Switching frequency
-
2.04
2.4
2.76
MHz
PhSBOOST
Phase shift to BUCK
-
-
270
-
deg
Fspread_BOOST
Spread spectrum range
FSW = 2.4 MHz
-4%
-
4%
*fSW
ΔVLINER-LOADR_BOOST
Static line + load regulation,
absolute value
ILOAD = 15 to 135 mA
-0.2
-
0.2
%
ΔVVBOOST/VBOOST(4)
Undershoot and overshoot
Load = 15 mA to 90 mA to 15 mA and 90 mA to
135 mA to 90 mA
-2.8
-
2.3
%
tSS_BOOST
Soft start time (SPI reg)
BOOST_SSCLK_SEL<10:9> = 00 default
0.35
0.45
0.55
ms
BOOST_SSCLK_SEL<10:9> = 01
0.8
1.1
1.4
ms
BOOST_SSCLK_SEL<10:9> = 10
1.7
2.1
2.5
ms
Iboost
Current in active mode
Active mode, no load
-
-
1
mA
PG/Vout_boost
Powergood vs Vout_boost
-
91.5
-
98.5
%
RDSON_BOOST
LS RDSON
-
-
400
700
mΩ
ƞBOOST(4)
Efficiency
FSW = 2.4 MHz, VIN = 3.3 V, VOUT = 5 V, Load
= 135 mA
-
87
-
%
LDO
VSLDO
Input voltage range
ILOAD max = 300 mA
1.7
-
6
V
ILOAD max = 600 mA
1.8
-
6
V
VLDO
Output voltage
OTP = 000
-2%
5.0
+2%
V
OTP = 001
3.3
V
OTP = 010
2.8
V
OTP = 011
2.5
V
OTP = 100
1.8
V
OTP = 101
1.3
V
OTP = 110
1.25
V
OTP = 111
1.2
V
Iload
Load current range
OTP = 0
1
-
300
mA
Iload
Load current range
OTP = 1
1
-
600
mA
Vdrop
Iout = 600 mA
-
-
-
0.6
V
Cload
-
-
10
-
-
µF
CESR
-
-
-
-
100
mΩ
VREF
VREF
REF Output voltage,
IVREF = 5 mA
VREF CFG vsel<1:0> = 00
-1%
1.8
+1%
V
VREF CFG vsel<1:0> = 01
-1%
2.5
+1%
V
VREF CFG vsel<1:0> = 10
-1%
3.3
+1%
V
VREF CFG vsel<1:0> = 11
-1%
4.1
+1%
V
Iload
Load current range
-
1
-
20
mA
ΔVLINER-LOADR_VREF
Static line + load regulation,
absolute value
-
-
-
0.2
%
STPM066S
Electrical characteristics
DS12976 - Rev 2
page 10/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com