Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet (PDF) - NXP Semiconductors

MPC105EC/D Datasheet PDF - NXP Semiconductors
Part # MPC105EC/D
Download  MPC105EC/D Download
File Size   422.34 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC105 PCI Bridge/Memory Controller Hardware Specifications

MPC105EC/D Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC105EC/D Datasheet PDF - NXP Semiconductors

Part # MPC105EC/D
Download  MPC105EC/D Click to download

File Size   422.34 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC105 PCI Bridge/Memory Controller Hardware Specifications

MPC105EC/D Datasheet (HTML) - NXP Semiconductors


MPC105EC/D Product details

MPC105 Features
Major features of the MPC105 are as follows:
• Processor interface
— 60x processors supported at a wide range of frequencies
— 32-bit address bus
— Configurable 64- or 32-bit data bus
— Accommodates an upgrade of either an external L2 cache or a secondary processor
— Arbitration for secondary processor on-chip
— Full memory coherency supported
— Pipelining of 60x accesses
— Store gathering on 60x-to-PCI writes
• Secondary (L2) cache control
— Configurable for write-through or write-back operation
— 256K, 512K, 1M sizes
— Up to 4 Gbytes of cacheable space
— Direct-mapped
— Parity supported
— Supports external byte decode or on-chip byte decode for write enables
— Programmable timing supported
— Synchronous burst and asynchronous SRAMs supported
• PCI interface
— Compliant with PCI Local Bus Specification, Revision 2.0
— Supports PCI interlocked accesses to memory using LOCK signal and protocol
— Supports accesses to all PCI address spaces
— Selectable big- or little-endian operation
— Store gathering on PCI writes to memory
— Selectable memory prefetching of PCI read accesses
— Only one external load presented by the MPC105 to the PCI bus
— PCI configuration registers
— Interface operates at 16–33 MHz
— Data buffering (in/out)
— Parity supported
— 3.3 V/5.0 V compatible
• Concurrent transactions on 60x and PCI buses supported
• Memory interface
— Programmable timing supported
— Supports either DRAM or SDRAM
— High bandwidth (64-bit) data bus
— Supports self-refreshing DRAM in sleep and suspend modes
— Supports 1 to 8 banks built of x1, x4, x8, x9, x16, or x18 DRAMs
— Supports PowerPC reference platform-compliant contiguous or discontiguous memory maps
— 1 Gbyte of RAM space, 16 Mbytes of ROM space
— Supports 8-bit asynchronous ROM or 32-/64-bit burst-mode ROM
— Supports writing to Flash ROM
— Configurable external buffer control logic
— Parity supported
— TTL compatible
• Power management
— Fully-static 3.3 V CMOS design
— Supports 60x nap, doze, and sleep power management modes, and suspend mode
• IEEE 1149.1-compliant, JTAG boundary-scan interface
• 304-pin ball grid array (BGA) package




Similar Part No. - MPC105EC/D

ManufacturerPart #DatasheetDescription
logo
NEC
MPC1055L1R0C NEC-MPC1055L1R0C Datasheet
2Mb / 104P
Power Inductors
logo
Texas Instruments
MPC1055L1R0C TI1-MPC1055L1R0C Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
Kemet Corporation
MPC1055L1R0C KEMET-MPC1055L1R0C Datasheet
68Kb / 1P
Power, MPC, 1000 nH, 20%
logo
NEC
MPC1055LR36C NEC-MPC1055LR36C Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
More results


Similar Description - MPC105EC/D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
Graphics Controller Hardware Specifications
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
PCI Bridge Memory Controller
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
logo
Motorola, Inc
XPC850ZT50BU MOTOROLA-XPC850ZT50BU Datasheet
778Kb / 76P
Communications Controller Hardware Specifications
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
NXP Semiconductors
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MC92460EC NXP-MC92460EC Datasheet
185Kb / 16P
MC92460 HDLC Controller Hardware Specifications
Rev. 1.0, 5/2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com