Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 2Page - NXP Semiconductors MPC105EC/D Datasheet HTML 3Page - NXP Semiconductors MPC105EC/D Datasheet HTML 4Page - NXP Semiconductors MPC105EC/D Datasheet HTML 5Page - NXP Semiconductors MPC105EC/D Datasheet HTML 6Page - NXP Semiconductors MPC105EC/D Datasheet HTML 7Page - NXP Semiconductors MPC105EC/D Datasheet HTML 8Page - NXP Semiconductors MPC105EC/D Datasheet HTML 9Page - NXP Semiconductors MPC105EC/D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
105 Hardware Specifications
Preliminary/Subject to Change without Notice
Figure 1. SYSCLK Input Timing Diagram
1.3.2.2 Input AC Specifications
Table 6 provides the input AC timing specifications for the MPC105 as defined in Figure 2 and Figure 3.
These specifications are for operation between 16.67 and 33.33 MHz bus clock (SYSCLK) frequencies.
Table 5. Clock AC Timing Specifications
Vdd = 3.3
± 5% Vdc, GND = 0 Vdc
Num
Characteristic
Min
Max
Unit
Notes
Frequency of operation
16.67
33.33
MHz
1
SYSCLK cycle time
30.0
60.0
ns
2,3
SYSCLK rise and fall time
—
2.0
ns
1
4
SYSCLK duty cycle measured at 1.4 V
40.0
60.0
%
5a
SYSCLK pulse width high measured at 1.4 V
12
18
ns
2
5b
SYSCLK pulse width low measured at 1.4 V
12
18
ns
2
6
SYSCLK frequency stability
—
1000
ppm
7
SYSCLK jitter
—
±150
ps
3
8
MPC105 internal PLL relock time
—
100
µs4
9
Phase-lock loop VCO operating range
120
200
MHz
5
Notes:
1. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
2. Specification value is at maximum frequency of operation.
3. Cycle-to-Cycle Jitter
4. Relock timing is guaranteed by design and is not tested.
5. For configuration of the VCO, see Table 10.
5a
5b
VM
VM = Midpoint Voltage (1.4 V)
2
3
CVIL
CVIH
1
SYSCLK
VM
VM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com