Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors MPC105EC/D Datasheet HTML 20Page - NXP Semiconductors MPC105EC/D Datasheet HTML 21Page - NXP Semiconductors MPC105EC/D Datasheet HTML 22Page - NXP Semiconductors MPC105EC/D Datasheet HTML 23Page - NXP Semiconductors MPC105EC/D Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
105 Hardware Specifications
Preliminary/Subject to Change without Notice
1.6.5.1 Internal Package Conduction Resistance
For this C4/CBGA packaging technology, the intrinsic conduction thermal resistance paths are as follows:
•
The die junction-to-case thermal resistance
•
The die junction-to-lead thermal resistance
These parameters are shown in Table 11. In this C4/CBGA package, the silicon chip is exposed; therefore,
the package “case” is the top of the silicon.
Figure 14 provides a simplified thermal network in which a C4/CBGA package is mounted to a printed-
circuit board.
Figure 14. C4/CBGA Package Mounted to a Printed-Circuit Board
1.6.5.2 Board and System-Level Modeling
A common figure-of-merit used for comparing the thermal performance of various microelectronic
packaging technologies is the junction-to-ambient thermal resistance. The final chip-junction operating
temperature is not only a function of the component-level thermal resistance, but the system-level design
and its operating conditions. In addition to the component’s power dissipation, a number of factors affect
the final operating die-junction temperature. For example, these factors might include airflow, board
population, heat sink efficiency, heat sink attach, next-level interconnect technology, and system air
temperature rise.
Table 11. Thermal Resistance
Thermal Metric
Effective Thermal Resistance
Junction-to-case thermal resistance
0.133
°C/W
Junction-to-lead (ball) thermal resistance
3.8
°C/W
External Resistance
External Resistance
Secondary Heat Transfer Path
Primary Heat Transfer Path
Internal Resistance
(Note the internal versus external package resistance)
Radiation
Convection
Radiation
Convection
Heat Sink
Silicon
C4 Package
Printed-Circuit Board
Heat Sink Attach
Package Leads/Ball
Chip Junction
Underfill
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com