Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC105EC/D Datasheet HTML 14Page - NXP Semiconductors MPC105EC/D Datasheet HTML 15Page - NXP Semiconductors MPC105EC/D Datasheet HTML 16Page - NXP Semiconductors MPC105EC/D Datasheet HTML 17Page - NXP Semiconductors MPC105EC/D Datasheet HTML 18Page - NXP Semiconductors MPC105EC/D Datasheet HTML 19Page - NXP Semiconductors MPC105EC/D Datasheet HTML 20Page - NXP Semiconductors MPC105EC/D Datasheet HTML 21Page - NXP Semiconductors MPC105EC/D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
105 Hardware Specifications
Preliminary/Subject to Change without Notice
1.5 MPC105 Package Description
The following sections provide the package parameters and the mechanical dimensions for the MPC105.
1.5.1 Package Parameters
The package parameters are as provided in the following list. The package type is a 21 mm x 25 mm, 304-
pin C4 ceramic ball grid array (CBGA).
Package outline
21 mm x 25 mm
Interconnects
303
Pitch
1.27 mm
Solder attach
63/37 Sn/Pb
Solder balls
10/90 Sn/Pb
Maximum module height
3.16 mm
Co-planarity specification
0.20 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com