Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC105EC/D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC105EC/D
Description  MPC105 PCI Bridge/Memory Controller Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC105EC/D Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC105EC/D Datasheet HTML 1Page - NXP Semiconductors MPC105EC/D Datasheet HTML 2Page - NXP Semiconductors MPC105EC/D Datasheet HTML 3Page - NXP Semiconductors MPC105EC/D Datasheet HTML 4Page - NXP Semiconductors MPC105EC/D Datasheet HTML 5Page - NXP Semiconductors MPC105EC/D Datasheet HTML 6Page - NXP Semiconductors MPC105EC/D Datasheet HTML 7Page - NXP Semiconductors MPC105EC/D Datasheet HTML 8Page - NXP Semiconductors MPC105EC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MPC105EC/D
(Motorola Order Number)
5/95
The PowerPC name, PowerPC logotype, PowerPC 601, PowerPC 603, PowerPC 604, and PowerPC Architecture are trademarks of
International Business Machines Cirp. used by Motorola under license from International Business Machines Corp.
This document contains information on a new product under development by Motorola. Motorola reserves the right to
™
change or discontinue this product without notice.
© Motorola Inc. 1995. All rights reserved.
Advance Information
MPC105 PCI Bridge/Memory Controller
Hardware Specifications
The MPC105 provides a PowerPC
™ reference platform compliant-bridge between the
PowerPC microprocessor family and the Peripheral Component Interconnect (PCI) bus.
This document contains pertinent physical characteristics of the MPC105. For functional
characteristics refer to the MPC105 PCI Bridge/Memory Controller User’s Manual.
This document contains the following topics:
Topic
Page
Section 1.1, “MPC105 Overview”
2
Section 1.2, “General Parameters”
3
Section 1.3, “MPC105 Electrical and Thermal Characteristics”
4
Section 1.4, “MPC105 Pinout Diagram”
12
Section 1.5, “MPC105 Package Description”
17
Section 1.6, “System Design Information”
19
In this document, the term “60x” is used to denote a 32-bit microprocessor from the
PowerPC Architecture
™ family. 60x processors implement the PowerPC architecture as it
is specified for 32-bit addressing, which provides 32-bit effective (logical) addresses,
integer data types of 8, 16, and 32 bits, and floating-point data types of 32 and 64 bits
(single-precision and double-precision).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC105EC/D

ManufacturerPart #DatasheetDescription
logo
NEC
MPC1055L1R0C NEC-MPC1055L1R0C Datasheet
2Mb / 104P
Power Inductors
logo
Texas Instruments
MPC1055L1R0C TI1-MPC1055L1R0C Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
Kemet Corporation
MPC1055L1R0C KEMET-MPC1055L1R0C Datasheet
68Kb / 1P
Power, MPC, 1000 nH, 20%
logo
NEC
MPC1055LR36C NEC-MPC1055LR36C Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPC1055LR36C KEMET-MPC1055LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
More results

Similar Description - MPC105EC/D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
Graphics Controller Hardware Specifications
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
PCI Bridge Memory Controller
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
logo
Motorola, Inc
XPC850ZT50BU MOTOROLA-XPC850ZT50BU Datasheet
778Kb / 76P
Communications Controller Hardware Specifications
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
Communications Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
NXP Semiconductors
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
MC92460EC NXP-MC92460EC Datasheet
185Kb / 16P
MC92460 HDLC Controller Hardware Specifications
Rev. 1.0, 5/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com